Electronic Components Datasheet Search
  English  ▼

X  

TMPC0604H Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # TMPC0604H
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

TMPC0604H Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  TMPC0604H Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC0604H Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC0604H Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. TMPC0604H Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-TECH
P3
5. Specification
Part Number
Inductance
L0 (uH)±20%
I rms ( A )
Typ
I sat ( A )
Typ
DCR
(mΩ) Typ.
@25℃
DCR
(mΩ) Max.
@25℃
TMPC0604H-R12YG-D
0.12±30%
32
64
0.7
1.0
TMPC0604H-R15YG-D
0.15±30%
30
55
0.9
1.2
TMPC0604H-R22MG-D
0.22
25
34
1.85
2.1
TMPC0604H-R33MG-D
0.33
25
34
2.0
2.6
TMPC0604H-R36MG-D
0.36
25
31
2.7
3.1
TMPC0604H-R47MG-D
0.47
23
28
3.0
3.4
TMPC0604H-R56MG-D
0.56
20
26
3.8
4.3
TMPC0604H-R68MG-D
0.68
16
24
4.1
4.5
TMPC0604H-1R0MG-D
1.00
14
22
6.8
8.0
TMPC0604H-1R5MG-D
1.50
12
20
10
12
TMPC0604H-2R2MG-D
2.20
9
14
11.5
14
TMPC0604H-3R3MG-D
3.30
8
12
24
27
TMPC0604H-4R7MG-D
4.70
6
11
28
32.5
TMPC0604H-5R6MG-D
5.60
5
9
33
38
TMPC0604H-6R8MG-D
6.80
4.5
8.5
44
50
TMPC0604H-8R2MG-D
8.20
4.5
8
55
64
TMPC0604H-100MG-D
10.0
4
7
64
72
TMPC0604H-150MG-D
15.0
3.0
3.5
80
90
TMPC0604H-220MG-D
22.0
2.5
3.5
120
145
TMPC0604H-330MG-D
33.0
1.8
3.2
180
210
TMPC0604H-470MG-D
47.0
1.8
2.5
295
350
Note:
1. Test frequency : Ls : 100KHz /1.0V.
2. All test data referenced to 25℃ ambient.
3. Testing Instrument(or equ) : L: HP4284A,CH11025,CH3302,CH1320,CH1320S LCR METER / Rdc:CH16502,Agilent33420A MICRO OHMMETER.
4. Heat Rated Current (Irms) will cause the coil temperature rise approximately ΔT of 40℃
5. Saturation Current (Isat) will cause L0 to drop approximately 30%.
6. The part temperature (ambient + temp rise) should not exceed 125℃under worst case operating conditions.Circuit design,component,PCB trace size and
thickness,airflow and other cooling provisions all affect the part temperature. Part temperature should be verified in the end application.
7. Special inquiries besides the above common used types can be met on your requirement.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com