Electronic Components Datasheet Search
  English  ▼

X  

A1373EKB Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1373EKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373EKB Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1373EKB Datasheet HTML 1Page - Allegro MicroSystems A1373EKB Datasheet HTML 2Page - Allegro MicroSystems A1373EKB Datasheet HTML 3Page - Allegro MicroSystems A1373EKB Datasheet HTML 4Page - Allegro MicroSystems A1373EKB Datasheet HTML 5Page - Allegro MicroSystems A1373EKB Datasheet HTML 6Page - Allegro MicroSystems A1373EKB Datasheet HTML 7Page - Allegro MicroSystems A1373EKB Datasheet HTML 8Page - Allegro MicroSystems A1373EKB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
A1373 and A1374
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..........................................16 V
Reverse-Supply Voltage, VRCC ........................–16 V
Output Voltage1, VOUT.......................................16 V
Reverse-Output Voltage, VROUT .....................–0.1 V
Output Current
Source, IOUTSOURCE ................................... 3 mA
Sink, IOUTSINK.......................................... 10 mA
Operating Temperature
Ambient, TA, Range E..................–40ºC to 85ºC
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
High Precision, Output Pin Programmable
Linear Hall Effect Sensors
Features and Benefits
Package KB, 3-pin SIP
The A1373 and A1374 high precision linear Hall effect sensors are sensitive, tem-
perature stable, linear devices with externally programmable features. This device
family incorporates a chopper-stabilized amplifier, voltage regulator, program-
ming logic, and an output amplifier on a single IC. The patented dynamic offset
cancellation used with a chopper-stabilization technique provides extremely low
offset and minimal temperature drift. A high frequency clock is used for chopping,
to ensure high frequency signal processing capability. The A1373 and A1374 are
ideal for use in automotive and industrial linear position-sensing applications that
require increased reliability and accuracy over conventional contacting-potentiom-
eter solutions. Key applications include: throttle position sensors, pedal position
sensors, and suspension height sensors.
The design and manufacturing flexibility of the A1373 and A1374 complement
the Allegro linear Hall effect family of devices by offering programmable gain,
quiescent offset voltage for unipolar or bipolar operation, temperature coef-
ficient, clamps, and polarity. The device can be set up in a magnetic circuit
and programmed with a train of serial pulses via the output pin. Once the right
combination of gain, quiescent output voltage, and temperature coefficient has
been selected, the codes can be locked for one-time programming. In this manner,
manufacturing tolerances can be reduced and the assembly process can be simpli-
fied.
These devices are available in the KB package, a 3-pin SIP (single inline pack-
age). The lead (Pb) free version has a 100% matte tin plated leadframe.
1When blowing fuses during device programming, a
voltage of 28 V may be applied to VOUT.
Output pin programming
Field-programmable for optimal application integration
Selectable coarse and fine gain and quiescent output voltage
Selectable sensitivity temperature coefficient
Selectable output clamp voltage level, including no-clamp (rail-to-rail)
Selectable output polarity
Unipolar or bipolar operation
Ratiometric sensitivity, clamps, and quiescent output voltage
Chopper-stabilized Hall technique
Wide operating temperature range
On-chip regulator for over/under voltage protection
On-chip regulator provides EMI robustness
Wide lead-spacing with KB package
1
2
3
1. VCC
2. GND
3. VOUT (Programming)


Similar Part No. - A1373EKB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373EKB ALLEGRO-A1373EKB Datasheet
533Kb / 22P
High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373EKB-T ALLEGRO-A1373EKB-T Datasheet
533Kb / 22P
High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373EKBTI ALLEGRO-A1373EKBTI Datasheet
533Kb / 22P
High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373EKBTI-T ALLEGRO-A1373EKBTI-T Datasheet
533Kb / 22P
High Precision, Output Pin Programmable Linear Hall Effect Sensors
More results

Similar Description - A1373EKB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
LINEAR OUTPUT HALL EFFECT SENSORS
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
Precision Programmable Linear Hall Effect Sensor
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
High Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
High-Precision Programmable Linear Hall-Effect Sensor Family
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
High-Precision Programmable Hall-Effect Sensors
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
Precision Programmable Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com