Electronic Components Datasheet Search
  English  ▼

X  

0804303 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804303
Description  ZFKDSA 2,5-6,08 R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804303 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804303 Datasheet HTML 1Page - PHOENIX CONTACT 0804303 Datasheet HTML 2Page - PHOENIX CONTACT 0804303 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Feb 24, 2011
Extract from the online
catalog
 
ZFKDSA 2,5-6,08 R
Order No.: 1905010
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1905010
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 1, Type of connection: Spring-cage
conn., Mounting: Soldering, Conductor/PCB connection direction: 45
°, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
451837
sales group
E063
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 103 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CUL, UL


Similar Part No. - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804303 PHOENIX-0804303 Datasheet
80Kb / 3P
SK 5,08/3,8: 0-9
0804303 PHOENIX-0804303 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
147Kb / 6P
MK3DS 3/ 2-5,08
0804303 PHOENIX-0804303 Datasheet
149Kb / 6P
MK3DS 3/ 3-5,08
0804303 PHOENIX-0804303 Datasheet
136Kb / 5P
MFKDSP/ 4-5,08
More results

Similar Description - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732153 PHOENIX-1732153 Datasheet
42Kb / 2P
PCB terminal block - ZFKDSA 2,5-6,08 R-EX
1749133 PHOENIX-1749133 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 2,5-5,08-32
1765625 PHOENIX-1765625 Datasheet
46Kb / 3P
PCB terminal block - ZFKDSA 2,5-5,08-20
1801135 PHOENIX-1801135 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 2,5-6,08 R BK
1905036 PHOENIX-1905036 Datasheet
72Kb / 3P
ZFKKDSA 2,5-6,08 R
1723353 PHOENIX-1723353 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 2,5-5,08- 8
09/11/2020
1848215 PHOENIX-1848215 Datasheet
86Kb / 2P
ZFKDSA 2,5-5,08- 2 EX 1RZ
11/05/2018
1990258 PHOENIX-1990258 Datasheet
97Kb / 7P
PCB terminal block - ZFKDSA 2,5-6,08 R THT
09/12/2020
1871856 PHOENIX-1871856 Datasheet
249Kb / 9P
ZFKDSA 1,5-6,08 - PCB terminal block
1932326 PHOENIX-1932326 Datasheet
250Kb / 9P
ZFKDSA 2,5-5,08- 2 - PCB terminal block
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com