Electronic Components Datasheet Search
  English  ▼

X  

A2003 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A2003
Description  High Voltage High Current Darlington Arrays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2003 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A2003 Datasheet HTML 1Page - Allegro MicroSystems A2003 Datasheet HTML 2Page - Allegro MicroSystems A2003 Datasheet HTML 3Page - Allegro MicroSystems A2003 Datasheet HTML 4Page - Allegro MicroSystems A2003 Datasheet HTML 5Page - Allegro MicroSystems A2003 Datasheet HTML 6Page - Allegro MicroSystems A2003 Datasheet HTML 7Page - Allegro MicroSystems A2003 Datasheet HTML 8Page - Allegro MicroSystems A2003 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2003 THRU
2024
x = digit to identify specific device. Characteristic shown applies to family of
devices with remaining digits as shown. See matrix on next page.
Ideally suited for interfacing between low-level logic circuitry and
multiple peripheral power loads, the Series ULN20xxA/L high-voltage,
high-current Darlington arrays feature continuous load current ratings
to 500 mA for each of the seven drivers. At an appropriate duty cycle
depending on ambient temperature and number of drivers turned ON
simultaneously, typical power loads totaling over 230 W (350 mA x 7,
95 V) can be controlled. Typical loads include relays, solenoids,
stepping motors, magnetic print hammers, multiplexed LED and
incandescent displays, and heaters. All devices feature open-collector
outputs with integral clamp diodes.
The ULN2003A/L and ULN2023A/L have series input resistors
selected for operation directly with 5 V TTL or CMOS. These devices
will handle numerous interface needs — particularly those beyond the
capabilities of standard logic buffers.
The ULN2004A/L and ULN2024A/L have series input resistors for
operation directly from 6 to 15 V CMOS or PMOS logic outputs.
The ULN2003A/L and ULN2004A/L are the standard Darlington
arrays. The outputs are capable of sinking 500 mA and will withstand
at least 50 V in the OFF state. Outputs may be paralleled for higher
load current capability. The ULN2023A/L and ULN2024A/L will
withstand 95 V in the OFF state.
These Darlington arrays are furnished in 16-pin dual in-line plastic
packages (suffix “A”) and 16-lead surface-mountable SOICs (suffix
“L”). All devices are pinned with outputs opposite inputs to facilitate
ease of circuit board layout. All devices are rated for operation over the
temperature range of -20
°C to +85°C. Most (see matrix, next page) are
also available for operation to -40
°C; to order, change the prefix from
“ULN” to “ULQ”.
FEATURES
I TTL, DTL, PMOS, or CMOS-Compatible Inputs
I Output Current to 500 mA
I Output Voltage to 95 V
I Transient-Protected Outputs
I Dual In-Line Plastic Package or Small-Outline IC Package
HIGH-VOLTAGE, HIGH-CURRENT
DARLINGTON ARRAYS
Dwg. No. A-9594
16
15
14
13
12
611
710
89
1
2
3
4
5
Note that the ULN20xxA series (dual in-line
package) and ULN20xxL series (small-outline
IC package) are electrically identical and share
a common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Output Voltage, V
CE
(ULN200xA and ULN200xL) ........ 50 V
(ULN202xA and ULN202xL) ........ 95 V
Input Voltage, V
IN ................................ 30 V
Continuous Output Current,
I
C ................................................. 500 mA
Continuous Input Current, I
IN ........... 25 mA
Power Dissipation, P
D
(one Darlington pair) ..................... 1.0 W
(total package) ....................... See Graph
Operating Temperature Range,
T
A .................................. -20°C to +85°C
Storage Temperature Range,
T
S ................................. -55°C to +150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com