Electronic Components Datasheet Search
  English  ▼

X  

0804303 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804303
Description  ZFKDS 2,5-5,08 L
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804303 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804303 Datasheet HTML 1Page - PHOENIX CONTACT 0804303 Datasheet HTML 2Page - PHOENIX CONTACT 0804303 Datasheet HTML 3Page - PHOENIX CONTACT 0804303 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 24, 2011
Extract from the online
catalog
 
ZFKDS 2,5-5,08 L
Order No.: 1905214
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1905214
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 1, Type of connection: Spring-cage
conn., Mounting: Soldering, Conductor/PCB connection direction: 45
°, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
193836
sales group
E063
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 103 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CUL, UL


Similar Part No. - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804303 PHOENIX-0804303 Datasheet
80Kb / 3P
SK 5,08/3,8: 0-9
0804303 PHOENIX-0804303 Datasheet
144Kb / 6P
MKDS 3/ 4-5,08
0804303 PHOENIX-0804303 Datasheet
147Kb / 6P
MK3DS 3/ 2-5,08
0804303 PHOENIX-0804303 Datasheet
149Kb / 6P
MK3DS 3/ 3-5,08
0804303 PHOENIX-0804303 Datasheet
136Kb / 5P
MFKDSP/ 4-5,08
More results

Similar Description - 0804303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706701 PHOENIX-1706701 Datasheet
138Kb / 5P
ZFKDS 1,5-5,08
1706714 PHOENIX-1706714 Datasheet
129Kb / 5P
ZFKDS 1,5-W-5,08
1732137 PHOENIX-1732137 Datasheet
115Kb / 3P
PCB terminal block - ZFKDS 2,5-5,08-EX
1732140 PHOENIX-1732140 Datasheet
94Kb / 3P
PCB terminal block - ZFKDS 2,5-5,08 L-EX
1801134 PHOENIX-1801134 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDS 2,5-5,08 L BK
1889178 PHOENIX-1889178 Datasheet
42Kb / 2P
PCB terminal block - ZFKDS 1,5-5,08 OG
1904969 PHOENIX-1904969 Datasheet
137Kb / 6P
PCB terminal block - ZFKDS 2,5-5,08
1932737 PHOENIX-1932737 Datasheet
43Kb / 2P
PCB terminal block - ZFKDS 1,5-5,08 GY
1931039 PHOENIX-1931039 Datasheet
107Kb / 5P
Pitch spacer - RZ-ZFKDS 2,5
Jan 10, 2023
1764202 PHOENIX-1764202 Datasheet
214Kb / 7P
ZFKDS 1,5-5,08- 2 - PCB terminal block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com