Electronic Components Datasheet Search
  English  ▼

X  

A1374LKB Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # A1374LKB
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1374LKB Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button A1374LKB Datasheet HTML 15Page - Allegro MicroSystems A1374LKB Datasheet HTML 16Page - Allegro MicroSystems A1374LKB Datasheet HTML 17Page - Allegro MicroSystems A1374LKB Datasheet HTML 18Page - Allegro MicroSystems A1374LKB Datasheet HTML 19Page - Allegro MicroSystems A1374LKB Datasheet HTML 20Page - Allegro MicroSystems A1374LKB Datasheet HTML 21Page - Allegro MicroSystems A1374LKB Datasheet HTML 22Page - Allegro MicroSystems A1374LKB Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
Programming Logic
Binary Bitfield Address
Decimal Equivalent Code
Description
QVO Coarse register
00
0
VOUT(Q) mid range
01
1
VOUT(Q) low range
10
2
VOUT(Q) high range
11
3
Register wraps to 00
QVO Fine register
000000000
0
Initial value in selected QVO Coarse range
111111111
511
Maximum value in selected QVO Coarse range
Sens. Coarse register
00
0
Sens low range
01
1
Sens mid range
10
2
Sens high range
11
3
Register wraps to 00
Sens. Fine register
00000000
0
Initial value in selected Sens. Coarse range
11111111
255
Maximum value in selected Sens. Coarse range
TC Register register (See also chart Sensitivity Temperature Coefficient Code Profile in Typical Characteristics section)
00000
0
initial TC
00001 through 01011
1 through 11
Positive TC programming range
01100 through 01111
12 through 15
Unused: equal to codes 4 to 7, respectively
10000 through 11011
16 through 27
Negative TC prgramming range; Value for 16 equals 1 step
less than the value for the Initial TC Value (00000)
11100 through 11111
28 through 31
Unused: equal to codes 20 to 23, respectively
Clamp Bit register
00
0
Rail-to-rail output swing
01
1
0.5 V and VCC– 0.5V rails
10
2
1 V and VCC – 1 V rails
00
3
Register wraps to 00
Polarity Bit register
0
0
Positive (VOUT increases when a positive (south) magnetic
field is applied to the device )
1
1
Negative (VOUT increases when a negative (north) magnetic
field is applied to the device )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com