Electronic Components Datasheet Search
  English  ▼

X  

STV8247DSXT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV8247DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247DSXT Datasheet(HTML) 1 Page - STMicroelectronics

  STV8247DSXT Datasheet HTML 1Page - STMicroelectronics STV8247DSXT Datasheet HTML 2Page - STMicroelectronics STV8247DSXT Datasheet HTML 3Page - STMicroelectronics STV8247DSXT Datasheet HTML 4Page - STMicroelectronics STV8247DSXT Datasheet HTML 5Page - STMicroelectronics STV8247DSXT Datasheet HTML 6Page - STMicroelectronics STV8247DSXT Datasheet HTML 7Page - STMicroelectronics STV8247DSXT Datasheet HTML 8Page - STMicroelectronics STV8247DSXT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 149 page
background image
PRELIMINARY DATA
February 2005
1/149
®
Rev. 3
Key Features
■ Full-Automatic Multi-Standard Demodulation
● B / G / I / L / M / N / D / K Standards
● Mono AM and FM
● FM 2-Carrier (German and Korean Zweiton) and
NICAM
■ Multi-Channel Capability
● 3 I²S digital inputs, S/PDIF (in/out)
● 5.1 analog outputs
● Dolby
® Pro Logic®
● Dolby
® Pro Logic II®
■ Sound Processing
● ST royalty-free processing: ST WideSurround, ST
OmniSurround, ST Dynamic Bass, SRS
® WOW™,
SRS
® TruSurround XT™ which is Virtual Dolby®
Surround and Virtual Dolby
® Digital compliant
● Independent Volume / Balance for Loudspeakers
and Headphone
● Loudspeakers: Smart Volume Control (SVC),
5-band equalizer and loudness
● Headphone: Smart Volume Control (SVC), Bass-
Treble, Loudness and SRS
® TruBass™
■ Analog Audio Matrix
● 4 stereo inputs
● 3 stereo outputs
● THRU mode
■ Audio Delay for Audio Video Synchronization
● Embedded stereo delay up to 120 ms for lip-sync
function (up to 180 ms for tuner input)
● Independent delay on headphone and loudspeaker
channels
The STV82x7 family, based on audio digital signal
processors (DSP), performs high quality and advanced
dedicated digital audio processing.These devices
provide all of the necessary resources for automatic
detection and demodulation of analog audio
transmissions for European and Asian terrestrial TV
broadcasts.
Virtual or true, multi-channel capabilities and easy digital
links make them ideal for digital audio low cost consumer
applications. Starting from enhanced stereo up to
independent control of 5 loudspeakers and a subwoofer
(5.1 channels), the STV82x7 family offers standard and
advanced features plus sound enhancements, spatial
and virtual effects to enhance television viewer comfort
and entertainment.
Typical Applications
● Analog and digital TV with virtual surround sound
● Analog and digital TV with multi-channel surround
sound
● DVD and HDD recorders
● “Palm size” portable TV
®
ST
V8
2x
7
© 2004 SRS Labs, Inc. All rights reserved, SRS and
the SRS logo are registered trademarks of SRS Labs, Inc.
“Dolby”, “Pro Logic”, and the double-D symbol are trademarks of
Dolby Laboratories.
STV82x7
Digital Audio Decoder/Processor
for A2 and NICAM Television/Video Recorders


Similar Part No. - STV8247DSXT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8247DSX STMICROELECTRONICS-STV8247DSX Datasheet
2Mb / 156P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Jan-2006
More results

Similar Description - STV8247DSXT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8204B STMICROELECTRONICS-TDA8204B Datasheet
227Kb / 12P
NICAM DECODER
TDA8217 STMICROELECTRONICS-TDA8217 Datasheet
88Kb / 9P
PAL DECODER AND VIDEO PROCESSOR
Apr-1996
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
Digital Servo LSI for Video Tape Recorders
logo
NXP Semiconductors
TDA3740 PHILIPS-TDA3740 Datasheet
301Kb / 7P
VIDEO PROCESSOR AND FREQUENCY MODULATOR FOR VIDEO RECORDERS
March 1986
logo
STMicroelectronics
STV82X8 STMICROELECTRONICS-STV82X8 Datasheet
2Mb / 157P
Digital Audio Decoder / Processor for BTSC Television/Video Recorders
Feb-2005
STV83X7 STMICROELECTRONICS-STV83X7 Datasheet
99Kb / 4P
TV sound processor with analog broadcast demodulator for A2 and NICAM standards
21-Dec-2006
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
283Kb / 19P
NICAM/A2/EIA-J Digital Stereo Decoder
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247_06 Datasheet
2Mb / 156P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Jan-2006
logo
Analog Devices
ADV7186 AD-ADV7186 Datasheet
70Kb / 2P
Video Decoder and Display Processor
Rev. SpB
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
NICAM/A2/EIA-J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com