Electronic Components Datasheet Search
  English  ▼

X  

C1022012 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # C1022012
Description  Anchor, Disk, 20in X .25in fits 1in rod
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

C1022012 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  C1022012 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Type
Corrosion-Resistant Anchor Parts
UPC
096359008545
Dimensions
Anchor Hole Size
20 in
Rod Diameter - Order Separately
1.000 in
Thickness
0.25 in
Weight
23.687 lb
Logistics
Pallet Quantity
40 EA
Standard Package
1
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Anchor, Disk, 20in X .25in
fits 1in rod
by CHANCE Utility
Catalog ID: C1022012
Corrosion-Resistant Anchor .25" (6.3 mm) Thick for 20"
(508 mm) Hole used with 1" (25.4 mm) Diameter Rod.
Designed to be used with Protected Anchor Rods, Fiber
Washer and Cap Nut
Coated with black paint


Similar Part No. - C1022012

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C1022011 HUBBELL-C1022011 Datasheet
367Kb / 1P
Anchor, Disk, 20in X .187in fits 1in rod
More results

Similar Description - C1022012

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
X24 HUBBELL-X24 Datasheet
372Kb / 1P
Anchor, Cross-Plate, 24in painted fits 1in rod
PSC1022306 HUBBELL-PSC1022306 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1in X 3ft Tripleye
C2050408 HUBBELL-C2050408 Datasheet
371Kb / 1P
Anchor, Disk Nut, 1in
C1022054 HUBBELL-C1022054 Datasheet
367Kb / 1P
Anchor, Disk, 24in X.187in fits 1in rod
C1022050 HUBBELL-C1022050 Datasheet
367Kb / 1P
Anchor, Disk, 24in X .25in fits 1in rod
C1022011 HUBBELL-C1022011 Datasheet
367Kb / 1P
Anchor, Disk, 20in X .187in fits 1in rod
C1022009 HUBBELL-C1022009 Datasheet
367Kb / 1P
Anchor, Disk, 16in X .187in fits 1in rod
12334P HUBBELL-12334P Datasheet
367Kb / 1P
Anchor, PISA Rod, 1in X 7ft, 1in threads
E1020049 HUBBELL-E1020049 Datasheet
373Kb / 1P
Anchor, PISA Rod, 1in X 3.5ft Tripleye, 1in threads
E1020045 HUBBELL-E1020045 Datasheet
372Kb / 1P
Anchor, PISA Rod, 1in X 7ft Twineye, 1in threads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com