Electronic Components Datasheet Search
  English  ▼

X  

0803906 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803906
Description  MKDS 5 HV/ 2-9,52-Z
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT 0803906 Datasheet HTML 3Page - PHOENIX CONTACT 0803906 Datasheet HTML 4Page - PHOENIX CONTACT 0803906 Datasheet HTML 5Page - PHOENIX CONTACT 0803906 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 19, 2011
Extract from the online
catalog
 
MKDS 5 HV/ 2-9,52-Z
Order No.: 1907432
The figure shows a 2-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1907432
 
 
PC terminal block, Nominal current: 32 A, Nom. voltage: 690 V,
Pitch: 9.52 mm, Number of positions: 2, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green, The article can be aligned to create different nos. of
positions! If used purely as 2-pos., we recommend version MKDSV 5
HV with anti-rotation pins.
 
Commercial data
GTIN (EAN)
4
017918
603946
sales group
E510
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 317 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
19.04 mm
Height
21.5 mm


Similar Part No. - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803906 PHOENIX-0803906 Datasheet
50Kb / 2P
Marker cards - SK U/3,8 WH:UNBEDRUCKT
0803906 PHOENIX-0803906 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0803906 PHOENIX-0803906 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0803906 PHOENIX-0803906 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0803906 PHOENIX-0803906 Datasheet
161Kb / 7P
MKDS 3/ 2
More results

Similar Description - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714971 PHOENIX-1714971 Datasheet
137Kb / 5P
MKDS 5/ 2-9,5
1757002 PHOENIX-1757002 Datasheet
53Kb / 4P
PCB terminal block - MKDS 5 HV/ 3-9,52-Z SZS
1902547 PHOENIX-1902547 Datasheet
157Kb / 6P
MKDS 5 HV/ 2-9,52
1904147 PHOENIX-1904147 Datasheet
124Kb / 5P
PCB terminal block - MKDSV 5 HV/ 2-9,52
1907416 PHOENIX-1907416 Datasheet
67Kb / 5P
PCB terminal block - MKDSV 5 HV/ 2-9,52-Z
1907429 PHOENIX-1907429 Datasheet
87Kb / 5P
PCB terminal block - MKDS 5 HV/3-9.52-Z
1933516 PHOENIX-1933516 Datasheet
57Kb / 5P
PCB terminal block - MKDS 5 HV/ 8-9,52
1992900 PHOENIX-1992900 Datasheet
76Kb / 5P
PCB terminal block - MKDS 5 HV/ 3-9,52 GY
1756993 PHOENIX-1756993 Datasheet
121Kb / 5P
PCB terminal block - MKDS 5 HV/ 2-9,52-Z SZS
11/04/2018
1906129 PHOENIX-1906129 Datasheet
384Kb / 11P
PCB terminal block - MKDS 5 HV/ 4-9,52
Sep 8, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com