Electronic Components Datasheet Search
  English  ▼

X  

A3982SLB Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3982SLB
Description  DMOS Stepper Motor Driver with Translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3982SLB Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3982SLB Datasheet HTML 1Page - Allegro MicroSystems A3982SLB Datasheet HTML 2Page - Allegro MicroSystems A3982SLB Datasheet HTML 3Page - Allegro MicroSystems A3982SLB Datasheet HTML 4Page - Allegro MicroSystems A3982SLB Datasheet HTML 5Page - Allegro MicroSystems A3982SLB Datasheet HTML 6Page - Allegro MicroSystems A3982SLB Datasheet HTML 7Page - Allegro MicroSystems A3982SLB Datasheet HTML 8Page - Allegro MicroSystems A3982SLB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMOS Stepper Motor Driver with Translator
A3982
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
fixed off-time, then to a slow decay for the remainder of the
off-time). This current decay control scheme results in reduced
audible motor noise, increased step accuracy, and reduced power
dissipation.
Internal synchronous rectification control circuitry is provided to
improve power dissipation during PWM operation.
Internal circuit protection includes: thermal shutdown with
hysteresis, undervoltage lockout (UVLO), and crossover-current
protection. Special power-on sequencing is not required.
The A3982 is supplied in a 24-pin wide-body SOIC
(package LB) with internally-fused power ground leads for
enhanced thermal dissipation. It is lead (Pb) free, with 100%
matte tin plated leadframe.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
35
V
Logic Input Voltage
VIN
–0.3 to 7
V
Sense Voltage
VSENSE
0.5
V
Reference Voltage
VREF
4V
Output Current
IOUT
Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under
any set of conditions, do not exceed the specified
current rating or a junction temperature of 150°C.
±2
A
Operating Ambient Temperature
TA
Range S
–20 to 85
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
Selection Guide
Part Number
Packing*
Package
A3982SLB-T
31 pieces per tube
24-pin Wide SOIC with pins 6 and 7, and 18
and 19, fused internally
A3982SLBTR-T
1000 pieces per reel
*Contact Allegro for additional packing options



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com