Electronic Components Datasheet Search
  English  ▼

X  

A6821 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6821
Description  DABiC-5 8-Bit Serial Input Latched Sink Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6821 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6821 Datasheet HTML 1Page - Allegro MicroSystems A6821 Datasheet HTML 2Page - Allegro MicroSystems A6821 Datasheet HTML 3Page - Allegro MicroSystems A6821 Datasheet HTML 4Page - Allegro MicroSystems A6821 Datasheet HTML 5Page - Allegro MicroSystems A6821 Datasheet HTML 6Page - Allegro MicroSystems A6821 Datasheet HTML 7Page - Allegro MicroSystems A6821 Datasheet HTML 8Page - Allegro MicroSystems A6821 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6821
DABiC-5 8-Bit Serial Input Latched Sink Drivers
ELECTRICAL CHARACTERISTICS1 Unless otherwise noted: TA = 25°C, logic supply operating voltage Vdd= 3.0 V to 5.5 V
Characteristic
Symbol
Test Conditions
Vdd = 3.3 V
Vdd = 5 V
Units
Min.
Typ.
Max. Min.
Typ.
Max.
Output Leakage Current
ICEX
VOUT = 50 V
–
–
10
–
–
10
μA
Collector–Emitter Saturation
Voltage
VCE(SAT)
IOUT = 100 mA
–
–
1.1
–
–
1.1
V
IOUT = 200 mA
–
–
1.3
–
–
1.3
V
IOUT = 350 mA
–
–
1.6
–
–
1.6
V
Input Voltage
VIN(1)
2.2
–
–
3.3
–
–
V
VIN(0)
–
–
1.1
–
–
1.7
V
Input Resistance
RIN
50
–
–
50
–
–
kΩ
Serial Data Output Voltage
VOUT(1)
IOUT = –200 μA
2.8
3.05
–
4.5
4.75
–
V
VOUT(0)
IOUT = 200 μA
–
0.15
0.3
–
0.15
0.3
V
Maximum Clock Frequency2
fc
10
–
–
10
–
–
MHz
Logic Supply Current
IDD(1)
One output on, OE = L, ST = H
–
–
2.0
–
–
2.0
mA
IDD(0)
All outputs off, OE = H, ST = H,
P1 through P8 = L
–
–
100
–
–
100
μA
Output Enable-to-Output Delay
tdis(BQ)
VCC = 50V, R1 = 500 Ω, C1≤30pF
–
–
1.0
–
–
1.0
μs
ten(BQ)
VCC = 50V, R1 = 500 Ω, C1≤30pF
–
–
1.0
–
–
1.0
μs
Strobe-to-Output Delay
tp(STH-QL) VCC = 50V, R1 = 500 Ω, C1≤30pF
–
–
1.0
–
–
1.0
μs
tp(STH-QH) VCC = 50V, R1 = 500 Ω, C1≤30pF
–
–
1.0
–
–
1.0
μs
Output Fall Time
tf
VCC = 50V, R1 = 500 Ω, C1≤30pF
–
–
1.0
–
–
1.0
μs
Output Rise Time
tr
VCC = 50V, R1 = 500 Ω, C1≤30pF
–
–
1.0
–
–
1.0
μs
Clock-to-Serial Data Out Delay
tp(CH-SQX) IOUT = ±200 μA
–
50
–
–
50
–
ns
1Positive (negative) current is defined as conventional current going into (coming out of) the specified device pin.
2Operation at a clock frequency greater than the specified minimum value is possible but not warranteed.
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
OE = Output Enable
ST = Strobe
Serial
Shift Register Contents Serial
Latch Contents
Output
Output Contents
Data Clock
Data
Strobe
Enable
Input
Input
I1 I2 I3 ... I8
Output
Input
I1 I2 I3 ... I8
Input
I1 I2 I3 ... I8
R7
R7
R
1
R2 R3 ... R8
R
8
XXX... X
X
X
L
R1 R2 ... R7
L
L
R1 R2 R3 ... R8
P1 P2 P3 ... P8
P8
P1 P2 P3 ... P81 P2 P3 ... P8
XXX... X
L
P
H
H
H
H
H
R1 R2 ... R7
H
H
H
...
Truth Table



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com