Electronic Components Datasheet Search
  English  ▼

X  

0803922 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803922
Description  MKDSP 10HV/ 2-12,7
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803922 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803922 Datasheet HTML 1Page - PHOENIX CONTACT 0803922 Datasheet HTML 2Page - PHOENIX CONTACT 0803922 Datasheet HTML 3Page - PHOENIX CONTACT 0803922 Datasheet HTML 4Page - PHOENIX CONTACT 0803922 Datasheet HTML 5Page - PHOENIX CONTACT 0803922 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 19, 2011
Extract from the online
catalog
 
MKDSP 10HV/ 2-12,7
Order No.: 1929533
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1929533
 
 
PC terminal block, Nominal current: 76 A, Nom. voltage: 1000 V,
Pitch: 12.7 mm, Number of positions: 2, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
819651
sales group
E530
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 323 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
22 mm
Pitch
12.7 mm


Similar Part No. - 0803922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803922 PHOENIX-0803922 Datasheet
49Kb / 3P
Marker card - SK U/5,0 WH:UNBEDRUCKT
0803922 PHOENIX-0803922 Datasheet
159Kb / 6P
GMKDSP 3/ 2
0803922 PHOENIX-0803922 Datasheet
138Kb / 6P
GMKDSP 3/ 3
0803922 PHOENIX-0803922 Datasheet
154Kb / 5P
IPCV 16/ 3-G-10,16
0803922 PHOENIX-0803922 Datasheet
154Kb / 5P
IPCV 16/ 4-G-10,16
More results

Similar Description - 0803922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706785 PHOENIX-1706785 Datasheet
162Kb / 6P
MKDSP 10/ 2-10,16
1714023 PHOENIX-1714023 Datasheet
136Kb / 6P
MKDSP 3/ 2
1730010 PHOENIX-1730010 Datasheet
143Kb / 5P
MKDSP 1,5/ 2
1730120 PHOENIX-1730120 Datasheet
145Kb / 5P
MKDSP 1,5/ 2-5,08
1773976 PHOENIX-1773976 Datasheet
141Kb / 5P
MKDSP 10N/ 2-10,16
1774027 PHOENIX-1774027 Datasheet
57Kb / 4P
PCB terminal block - MKDSP 10N/ 2-10,16 BK
1929517 PHOENIX-1929517 Datasheet
149Kb / 7P
PCB terminal block - MKDSP 10HV/ 2-10,16
1929546 PHOENIX-1929546 Datasheet
132Kb / 7P
PCB terminal block - MKDSP 10HV/ 3-12,7
1932588 PHOENIX-1932588 Datasheet
94Kb / 6P
PCB terminal block - MKDSP 25/ 2-15.00
1929520 PHOENIX-1929520 Datasheet
157Kb / 12P
PCB terminal block - MKDSP 10HV/ 3-10,16
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com