Electronic Components Datasheet Search
  English  ▼

X  

A6801SEP Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A6801SEP
Description  DABiC-5 Latched Sink Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6801SEP Datasheet(HTML) 1 Page - Allegro MicroSystems

  A6801SEP Datasheet HTML 1Page - Allegro MicroSystems A6801SEP Datasheet HTML 2Page - Allegro MicroSystems A6801SEP Datasheet HTML 3Page - Allegro MicroSystems A6801SEP Datasheet HTML 4Page - Allegro MicroSystems A6801SEP Datasheet HTML 5Page - Allegro MicroSystems A6801SEP Datasheet HTML 6Page - Allegro MicroSystems A6801SEP Datasheet HTML 7Page - Allegro MicroSystems A6801SEP Datasheet HTML 8Page - Allegro MicroSystems A6801SEP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
A6800/A6801
DABiC-5 Latched Sink Drivers
The A6800 and A6801 latched-input BiMOS ICs merge high-current,
high-voltage outputs with CMOS logic. The CMOS input section con-
sists of 4 or 8 data (‘D’ type) latches with associated common CLEAR,
STROBE, and OUTPUT ENABLE circuitry. The power outputs are
bipolar NPN Darlingtons. This merged technology provides versatile,
flexible interface. These BiMOS power interface ICs greatly benefit the
simplification of computer or microprocessor I/O. The A6800 ICs each
contain four latched drivers. A6801 ICs contain eight latched drivers.
The CMOS inputs are compatible with standard CMOS circuits. TTL
circuits may mandate the addition of input pull-up resistors. The bipolar
Darlington outputs are suitable for directly driving many peripheral/
power loads: relays, lamps, solenoids, small dc motors, etc.
All devices have open-collector outputs and integral diodes for induc-
tive load transient suppression. The output transistors are capable of
sinking 600 mA and will withstand at least 50 V in the OFF state.
Because of limitations on package power dissipation, the simultaneous
operation of all drivers at maximum rated current can only be accom-
plished by a reduction in duty cycle. Outputs may be paralleled for
higher load current capability.
The A6800SA is furnished in a standard 14-pin DIP; the A6800SL and
A6801SLW in surface-mountable SOICs; the A6801SA in a 22-pin
DIP with 0.400” (10.16 mm) row centers; the A6801SEP in a 28-lead
PLCC. These devices are lead (Pb) free, with 100% matte tin plated
leadframes.
3.3 V to 5 V logic supply range
To 10 MHz data input rate
High-voltage, high-current outputs
Darlington current-sink outputs, with
improved low-saturation voltages
Use the following complete part numbers when ordering:
ABSOLUTE MAXIMUM RATINGS
Part Number
Pins
Package
A6800SA-T
14
DIP
A6800SL-T
14
SOIC
A6801SA-T
22
DIP
A6801SEP-T
28
PLCC
A6801SLW-T
24
SOIC
Output Voltage, VCE............................................50 V
Supply Voltage, VDD.............................................7 V
Input Voltage Range,VIN ..............–0.3VtoVDD+0.3V
Continuous Collector Current, IC........................ 600 mA
Package Power Dissipation, PD, see Allowable Power
Disspation chart, page 5
Operating Temperature Range
Ambient Temperature, TA............–20°C to +85°C
Storage Temperature, TS ..........–55°C to +150°C
Caution: CMOS devices have input-static protection,
but are susceptible to damage when exposed to
extremely high static-electrical charges.
FEATURES
Relays
Lamps
APPLICATIONS
A6800SA
A6801SEP
A6801SLW
A6801SA
A6800SL
CMOS, TTL compatible inputs
Output transient protection
Internal pull-down resistors
Low-power CMOS latches
Solenoids
Small dc motors


Similar Part No. - A6801SEP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
DABiC-5 Latched Sink Drivers
More results

Similar Description - A6801SEP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
DABiC-5 Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
DABiC-5 Latched Sink Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com