Electronic Components Datasheet Search
  English  ▼

X  

DRDN40 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # DRDN40
Description  40A DIN Rail Type Redundancy Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DRDN40 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  DRDN40 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DRDN40 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DRDN40 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DRDN40 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. DRDN40 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E183223
■ Description
■ Model Encoding
Industrial control system
Semiconductor fabrication equipment
Factory automation
Electro-mechanical apparatus
■ Features
■ Applications
File Name:DRDN40-SPEC 2019-08-19
DRDN40 -
Support 1+1 and N+1 redundancy system
2 channels input and 1 output
Suitable for redundancy operation of 12V/24V/48V system
Output current up to 40A
Cooling by free air convection
-40~+80
ultra-wide operating temperature ( +60
derating)
°C
°C
>
55mm slim width
Built-in 2 channels DC OK signal and alarm relay contact
3 years warranty
DRDN40
The RDN 0 series is a 0A redundancy module that can be used with a power supply to improve
D4
4
system operation reliability. Product key features include:
overall
12V/24V/48V input voltage for
selection, support N+1 and 1+1 redundancy systems,built-in two rails DC input contacts and
single output. The MOSFET technology implemented can reduce heat loss and reduce the voltage
difference between the input and output voltages, built-in 2 channels DC OK relay contacts for
monitoring output status, ultra-wide operating temperature of -40 to +80°C and narrow width (55mm).
24
Output current (40A)
DIN Rail Redundancy Module
Intput voltage (12V/24V/48V)
UL62368-1
TPTC004
40A DIN Rail Type Redundancy Module
IEC62368-1


Similar Part No. - DRDN40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRDN005W DIODES-DRDN005W Datasheet
305Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DRDN005W-7 DIODES-DRDN005W-7 Datasheet
305Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DRDN010W DIODES-DRDN010W Datasheet
305Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DRDN010W-7 DIODES-DRDN010W-7 Datasheet
305Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
logo
Mean Well Enterprises C...
DRDN20 MEANWELL-DRDN20 Datasheet
157Kb / 5P
20A DIN Rail Type Redundancy Module
More results

Similar Description - DRDN40

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRU-24V40ABN POWERBOX-DRU-24V40ABN Datasheet
388Kb / 2P
DC-UPS MODULE DIN RAIL 24V 40A
logo
PULS GmbH
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
DUAL REDUNDANCY MODULE
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
DUAL REDUNDANCY MODULE
logo
Mean Well Enterprises C...
DBUF20-24 MEANWELL-DBUF20-24 Datasheet
184Kb / 7P
24V/20A DIN Rail Type Buffer Module
DBUF40-24 MEANWELL-DBUF40-24 Datasheet
190Kb / 7P
24V/40A DIN Rail Type Buffer Module
DRDN20 MEANWELL-DRDN20 Datasheet
157Kb / 5P
20A DIN Rail Type Redundancy Module
ERDN20 MEANWELL-ERDN20 Datasheet
361Kb / 5P
20A Enclosed Type Redundancy Module
ERDN40 MEANWELL-ERDN40 Datasheet
153Kb / 5P
40A Enclosed Type Redundancy Module
DUPS40 MEANWELL-DUPS40 Datasheet
203Kb / 5P
24V/40A DIN Rail Type Uninterruptible DC-UPS Module
logo
Schneider Electric
ABL8RED24400 SCHNEIDER-ABL8RED24400 Datasheet
145Kb / 8P
redundancy module - 40A - for regulated SMPS
Mar 23, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com