Electronic Components Datasheet Search
  English  ▼

X  

ERDN40 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ERDN40
Description  40A Enclosed Type Redundancy Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ERDN40 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ERDN40 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ERDN40 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ERDN40 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ERDN40 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ERDN40 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATION
ERDN40
MODEL
DC VOLTAGE RANGE
RATED CURRENT
VOLTAGE DROP (Vin-Vout)
(max.)
INPUT
EFFICIENCY (Typ.)
OUTPUT
SAFETY STANDARDS
WORKING TEMP.
Note.2
WORKING HUMIDITY
STORAGE TEMP.
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
-40 ~ +80
(Refer to "Derating Curve")
℃
5 ~ 95% RH non-condensing
-40 ~ +85
℃
±℃
℃
0.03%/
(0 ~ 60
)
Component:10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes; Mounting: Compliance to IEC61373
570.61K hrs min.
Telcordia SR-332 (Bellcore) ; 294.12K hrs min.
MIL-HDBK-217F (25
)
℃
97*99*36mm (W*D*H)
0.276Kg;45psc/14Kg/0.98CUFT
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
IP/OP - Chassis, IP/OP- Relay, Relay - Chassis:>100M Ohms / 500Vdc / 25
/ 70% RH
℃
ENVIRONMENT
SAFETY &
EMC
(Note.4)
PROTECTION
1. All parameters NOT specially mentioned are measured at normal input , rated load and 25 of ambient temperature.
℃
2. Derating may be needed over high
. Please check the derating curve for more details.
temperature
ambient
3. The ambient temperature derating of 3.5 /1000m with fanless models and of 5 /1000m with fan models for operating altitude
℃℃
higher than 2000m(6500ft).
4. The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with
the EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
PEAK CURRENT
FUNCTION
Green LED OK
RATED CURRENT
DC NORMAL VOLTAGE
SHORT CIRCUIT
PEAK CURRENT (max.)
INPUT REVERSE CURRENT (max.)
INPUT REVERSE VOLTAGE (max.)
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Conducted
Radiated
Harmonic Current
Standard
Standard
EN55032(CISPR32)
EN55032(CISPR32)
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
Test Level / Note
Test Level / Note
Class B
Class B
-----
EMC IMMUNITY
EMC EMISSION
EN55035, EN61000-6-2(EN50082-2), EN55024
Level 4, 15KV air ; Level 3, 8KV contact; criteria A
Level 3, 10V/m ; criteria A
Level 4, 30A/m ; criteria A
Level 3, 10V ; criteria A
Level 3, 2KV ; criteria A
ERDN40-
98%
0~20A x2 input , 0~40A x1 input
0.2V
Voltage Flicker
IP/OP - Chassis : 0.5KVac IP/OP- Relay : 0.5KVac Relay - Chassis : 0.5KVac
;;
File Name:ERDN40-SPEC 2019-11-01
<60A, 5Sec. No damage
-----
-----
Level 3, 1KV/Line-Line ;Level 3, 2KV/Line-Line-Chassis ;criteria A
OPERATING ALTITUDE
Note.3
0~40A,
12Vdc
60A,
<60A, 5Sec. No damage
LED STATUS DISPLAY
REDUNDANCY
For 1+1 redundancy ,and support N+1 redundancy
IEC62368-1, UL62368-1,
approved
EAC TP TC 004
NUMBER OF INPUT
2 Channels
Continuous
5Sec.
Continuous
5Sec.
CAPACITANCE(Typ.)
320uF
STANDBY POWER LOSSES(Typ.)
1.5W
COOLING
Free air convection
0~30A x2 input , 0~60A x1 input
1mA
40Vdc
RELAY
30Vdc/1A resistive load
48Vdc
BOTH INPUTS VOLTAGE ALARM
<8.5V or >14 7V (
5 )
.%
±
<18V or >31V (
5 )
%
±
<34.2V or >63V (
5 )
%
±
9~14Vdc
36~60Vdc
24Vdc
19~29Vdc
40Vdc
65Vdc
=12V, 24V, 48V
5000 meters/OVC
II
40A Enclosed Type Redundancy Module
-----



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com