Electronic Components Datasheet Search
  English  ▼

X  

SC16C752IB48 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC16C752IB48
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752IB48 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC16C752IB48 Datasheet HTML 28Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 29Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 30Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 31Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 32Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 33Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 34Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 35Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
32 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
9.
Limiting values
[1]
Stresses beyond those listed under Limiting values may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
10. Static characteristics
[1]
Meets TTL levels, VIO(min) = 2 V and VIH(max) = 0.8 V on non-hysteresis inputs.
[2]
Applies for external output buffers.
Table 24:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-
7
V
VI
input voltage
−0.3
VCC + 0.3
V
VO
output voltage
−0.3
VCC + 0.3
V
Tamb
operating ambient temperature
in free-air
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Table 25:
DC electrical characteristics
VCC = 2.5 V, 3.3 V ±10% or 5 V ±10%.
Symbol
Parameter
Conditions
2.5 V
3.3 V and 5 V
Unit
Min
Nom
Max
Min
Nom
Max
VCC
supply voltage
VCC − 10% VCC
VCC + 10% VCC − 10% VCC
VCC + 10% V
VI
input voltage
0
-
VCC
0-
VCC
V
VIH
HIGH-level input
voltage
[1]
1.6
-
VCC
2.0
-
VCC
V
VIL
LOW-level input
voltage
[1]
-
-
0.65
-
-
0.8
V
VO
output voltage
[2]
0-
VCC
0-
VCC
V
VOH
HIGH-level output
voltage
IOH = −8mA
[4]
-
-
-
2.0
-
-
V
IOH = −4mA
[5]
-
-
-
2.0
-
-
V
IOH = −800 µA [4]
1.85
-
-
-
-
-
V
IOH = −400 µA [5]
1.85
-
-
-
-
-
V
VOL
LOW-level output
voltage[7]
IOL =8mA
[4]
-
-
-
-
-
0.4
V
IOL =4mA
[5]
-
-
-
-
-
0.4
V
IOL =2mA
[4]
--
0.4
--
-
V
IOL = 1.6 mA
[5]
--
0.4
--
-
V
Ci
input capacitance
-
-
18
-
-
18
pF
Tamb
operating ambient
temperature
−40
25
85
−40
25
85
°C
Tj
junction
temperature
[3]
0
25
125
0
25
125
°C
clock speed
[8]
-
-
50
-
-
80
MHz
clock duty cycle
-
50
-
-
50
-
%
ICC
supply current
f = 5 MHz
[6]
-
-
3.5
-
-
4.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com