Electronic Components Datasheet Search
  English  ▼

X  

P0080LA Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0080LA
Description  Thyristor Surge Suppressors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0080LA Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0080LA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0080LA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0080LA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0080LA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P0080LA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P0080LA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P0080LA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P0080LA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P0080LA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Thyristor Surge Suppressors
P0060~P3500LA_B_C Series
2
Part Number
VDRM@
IDRM=5µA
VS@
100V/µS
VT@
IT=2.2Amps
IS
IT
IH
Capacitance
@1MHz, 2V bias
V min
V max
V max
mA max
A max
mA min
pF min
pF max
P0060LB
6
15
4
800
2.2
50
40
85
P0080LB
6
25
4
800
2.2
50
40
85
P0300LB
25
40
4
800
2.2
50
40
85
P0640LB
58
77
4
800
2.2
150
40
60
P0720LB
65
88
4
800
2.2
150
35
60
P0900LB
75
98
4
800
2.2
150
35
60
P1100LB
90
130
4
800
2.2
150
30
60
P1300LB
120
160
4
800
2.2
150
25
40
P1500LB
140
180
4
800
2.2
150
25
40
P1800LB
170
220
4
800
2.2
150
25
40
P2300LB
190
260
4
800
2.2
150
25
30
P2600LB
220
300
4
800
2.2
150
20
30
P3100LB
275
350
4
800
2.2
150
20
30
P3500LB
320
400
4
800
2.2
150
20
30
P0060LC
6
15
4
800
2.2
50
60
260
P0080LC
6
25
4
800
2.2
50
60
260
P0300LC
25
40
4
800
2.2
50
60
250
P0640LC
58
77
4
800
2.2
150
55
155
P0720LC
65
88
4
800
2.2
150
50
150
P0900LC
75
98
4
800
2.2
150
45
140
P1100LC
90
130
4
800
2.2
150
45
115
P1300LC
120
160
4
800
2.2
150
40
105
P1500LC
140
180
4
800
2.2
150
35
95
P1800LC
170
220
4
800
2.2
150
35
90
P2300LC
190
260
4
800
2.2
150
30
80
P2600LC
220
300
4
800
2.2
150
30
80
P3100LC
275
350
4
800
2.2
150
30
70
P3500LC
320
400
4
800
2.2
150
25
65
Notes:
- Absolute maximum ratings measured at TA= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted)
Electrical Characteristics
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A
min
A min
A min
A min
A min
A min
A/µs max
A
20
150150
90
50
75
75
45
75
20
500
B25
250
250
150100
100125
80
10025500
C50500
400200
150200
175100
20030500
Notes:
1 Current waveform in µs
2 Voltage waveform in µs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP ratings applicable over temperature range of -40ºC to +85ºC
- The device must initially be in thermal equilibrium with -40°C < T
J < +150°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com