Electronic Components Datasheet Search
  English  ▼

X  

AHP201608RA-R33M Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP201608RA-R33M
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP201608RA-R33M Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP201608RA-R33M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201608RA-R33M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201608RA-R33M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
AHP
201608 RA -
1R0
M
A
B
C
D
E
A: Series
B: Dimension
C: Lead Free
Material
D: Inductance
1R0=1.0uH
E: Inductance Tolerance
M=±20%
Series
A(mm)
B(mm)
C(mm)
D(mm) E(mm)
AHP201608RA 2.0 -0.1/+0.2
1.6 -0.1/+0.2
0.8Max
0.50 ref. 1.00 ref.
Power Inductor
AHP201608RA-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
(%)
Test
Frequency
(Hz)
DCR
(Ω) typ.
DCR
(Ω) Max.
I sat
(A) typ.
I sat
(A) Max.
I rms
(A) typ
I rms
(A) MAX
AHP201608RA-R24M
0.24
±
20
1V/1M
0.040
0.048
7.00
6.00
4.00
3.50
AHP201608RA-R33M
0.33
±
20
1V/1M
0.055
0.065
6.00
5.00
3.50
3.00
AHP201608RA-R47M
0.47
±
20
1V/1M
0.070
0.084
5.00
4.00
3.00
2.70
AHP201608RA-R68M
0.68
±
20
1V/1M
0.085
0.100
4.00
3.00
2.80
2.50
AHP201608RA-1R0M
1.0
±
20
1V/1M
0.110
0.130
3.00
2.50
2.20
1.80
AHP201608RA-1R5M
1.5
±
20
1V/1M
0.160
0.190
2.80
2.30
2.00
1.70
AHP201608RA-2R2M
2.2
±
20
1V/1M
0.220
0.260
2.50
2.00
1.80
1.40
AHP201608RA-3R3M
3.3
±
20
1V/1M
0.380
0.450
1.80
1.50
1.20
1.10
AHP201608RA-4R7M
4.7
±
20
1V/1M
0.550
0.660
1.70
1.40
1.10
1.00
AHP201608RA-6R8M
6.8
±
20
1V/1M
0.780
0.940
1.30
1.10
0.85
0.75
AHP201608RA-100M
10
±
20
1V/1M
0.800
0.960
0.90
0.80
0.80
0.70
Note:
Heat Rated Current (Irms) will cause the coil temperature rise approximately ΔT of 40℃
Saturation Current (Isat) will cause L0 to drop approximately 30%.
Halogen-free
Halogen
1. This specification applies Low Profile Power Inductors.
2. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
3. Operating temperature :-40~+125℃ (Including self - temperature rise)


Similar Part No. - AHP201608RA-R33M

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AHP201608FA TAI-TECH-AHP201608FA Datasheet
101Kb / 2P
Power Inductor
AHP201608FA-1R0M TAI-TECH-AHP201608FA-1R0M Datasheet
101Kb / 2P
Power Inductor
AHP201608FA-1R5M TAI-TECH-AHP201608FA-1R5M Datasheet
101Kb / 2P
Power Inductor
AHP201608FA-2R2M TAI-TECH-AHP201608FA-2R2M Datasheet
101Kb / 2P
Power Inductor
AHP201608FA-3R3M TAI-TECH-AHP201608FA-3R3M Datasheet
101Kb / 2P
Power Inductor
More results

Similar Description - AHP201608RA-R33M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com