Electronic Components Datasheet Search
  English  ▼

X  

AHP201208FA-R24M Datasheet(PDF) 5 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # AHP201208FA-R24M
Description  Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP201208FA-R24M Datasheet(HTML) 5 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP201208FA-R24M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R24M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R24M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R24M Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R24M Datasheet HTML 5Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208FA-R24M Datasheet HTML 6Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-TECH
www.tai-tech.com.tw
P6
7. Soldering and Mounting
7-1. Soldering
7-1.1 Solder re-flow:
7-1.2 Soldering Iron(Figure 2):
7-2. Recommended PC Board Pattern
Mildly activated rosin fluxes are preferred. TAI-TECH terminations are suitable for all wave and re-flow soldering systems.
If hand soldering cannot be avoided, the preferred technique is the utilization of hot air soldering tools.
Recommended temperature profiles for re-flow soldering in Figure 1.
Products attachment with a soldering iron is discouraged due to the inherent process control limitations. In the event that
a soldering iron must be employed the following precautions are recommended.
‧Preheat circuit and products to 150℃
‧Never contact the ceramic with the iron tip
‧Use a 20 watt soldering iron with tip diameter of 1.0mm
‧350℃ tip temperature (max)
‧1.0mm tip diameter (max)
‧Limit soldering time to 4~5 sec.
Fig.1
L
G
L(mm)
G(mm)
H(mm)
2.3
0.8
1.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com