Electronic Components Datasheet Search
  English  ▼

X  

L6983CQTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6983CQTR
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983CQTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6983CQTR Datasheet HTML 4Page - STMicroelectronics L6983CQTR Datasheet HTML 5Page - STMicroelectronics L6983CQTR Datasheet HTML 6Page - STMicroelectronics L6983CQTR Datasheet HTML 7Page - STMicroelectronics L6983CQTR Datasheet HTML 8Page - STMicroelectronics L6983CQTR Datasheet HTML 9Page - STMicroelectronics L6983CQTR Datasheet HTML 10Page - STMicroelectronics L6983CQTR Datasheet HTML 11Page - STMicroelectronics L6983CQTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
5
Electrical characteristics
TJ = 25 °C, VIN = 24 V unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
range
3.5
38
V
VIN_H
VCC rising threshold
2.3
3.3
V
VIN_L
VCC UVLO falling
threshold
2.15
3.15
V
IPK (1)
Peak current limit
No slope contribution
4.1
4.6
A
Full slope contribution
3.1
3.6
A
IVY
Valley current limit
3.3
3.9
4.5
A
ISKIP (1) (2)
Skip current limit
0.6
A
IVY_SINK (1)
Reverse current limit
LNM or VOUT overvoltage
1.25
1.5
1.75
A
RDSON_HS
High-side RDSON
0.130
Ω
RDSON_LS
Low-side RDSON
0.85
Ω
TOFF_MIN
Minimum off-time
200
ns
TON_MIN
Minimum on-time
75
ns
Enable
VWAKE_UP
Wake-up threshold
Rising
0.7
V
Falling
0.2
V
VEN
Enable threshold
Rising
1.08
1.2
1.32
V
Hysteresis
0.2
V
VCC regulator
VCC
LDO output voltage
3.0
3.3
3.6
V
Power consumption
ISHTDWN
Shutdown current from
VIN
VEN = GND
2
3
μA
LCM device
IQ_VIN
Quiescent current from
VIN
VBIAS = GND
20
35
60
μA
VBIAS = 5 V
1
3.5
6
μA
IQ_VBIAS
Quiescent current from
VBIAS
VBIAS = 5 V
20
35
60
μA
LNM device
IQ_VIN
Quiescent current from
VIN
VBIAS = GND
1.6
2.3
3
mA
VBIAS = 5 V
300
550
800
μA
IQ_VBIAS
Quiescent current from
VBIAS
VBIAS = 5 V
1.3
1.8
2.3
mA
Soft-start
L6983
Electrical characteristics
DS13116 - Rev 1
page 8/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com