Electronic Components Datasheet Search
  English  ▼

X  

1935239 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1935239
Description  PCB terminal block - PT 1,5/ 9-5,0-H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1935239 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1935239 Datasheet HTML 1Page - PHOENIX CONTACT 1935239 Datasheet HTML 2Page - PHOENIX CONTACT 1935239 Datasheet HTML 3Page - PHOENIX CONTACT 1935239 Datasheet HTML 4Page - PHOENIX CONTACT 1935239 Datasheet HTML 5Page - PHOENIX CONTACT 1935239 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/products/1935239
08/04/2015   Page 5 / 6
PCB terminal block - PT 1,5/ 9-5,0-H - 1935239
Approvals
CCA 
 
 
mm²/AWG/kcmil
0.2-2.5
Nominal current IN
24 A
Nominal voltage UN
250 V
IECEE CB Scheme 
 
 
mm²/AWG/kcmil
0.2-2.5
Nominal current IN
24 A
Nominal voltage UN
250 V
EAC 
SEV 
 
 
mm²/AWG/kcmil
2.5
Nominal current IN
16 A
Nominal voltage UN
250 V
cULus Recognized 
Drawings
Drilling diagram
1,3
a
5
2,5
Diagram
4
8
12
16
20
24
28
32
100
80
60
40
20
0
0
1 =1,5mm
2
1
Ambienttemperature[°C]
Derating diagram for 5 pins;reduction factor=1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com