Electronic Components Datasheet Search
  English  ▼

X  

HT2DC20S20 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HT2DC20S20
Description  HITAG 2 transponder IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2DC20S20 Datasheet(HTML) 5 Page - NXP Semiconductors

  HT2DC20S20 Datasheet HTML 1Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 2Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 3Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 4Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 5Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 6Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 7Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 8Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HT2X_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 3 November 2014
210431
5 of 9
NXP Semiconductors
HT2x
HITAG 2 transponder IC
8.
Limiting values
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any conditions other than those described in the Operating Conditions and Electrical
Characteristics section of this specification is not implied.
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any conditions other than those described in the Operating Conditions and Electrical
Characteristics section of this specification is not implied.
9.
Abbreviations
Table 5.
Memory map in Password Mode
Page
Content
Access
0
serial number
ro
1
password RWD
r/w or 0
2
reserved for future use
r/w or 0
3
configuration (8 bit)
password tag (24 bit)
r/w or ro
4
usable memory page
r/w or ro
5
usable memory page
r/w or ro
6
usable memory page
r/w or ro
7
usable memory page
r/w or ro
Table 6.
Limiting values - HT2ICS2002W/V6F/R[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
VESD
electrostatic discharge voltage
MIL-STD 883D, Method
3015.7, Human Body
2-
kV
Ilu
latch-up current
MIL-STD 883D, Method 3023
100
-
mA
Ii(max)
maximum input current
IN1-IN2
-
30
mA
Tj
junction temperature
55
+140
C
Table 7.
Limiting values - HT2DC20S20/F/R (SOT385-1)/ HT2MOA4S20/E/3/R (SOT500-2)[1]
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
55
+125
C
Table 8.
Abbreviations
Acronym
Description
EEPROM
Electrically Erasable Programmable Read-Only Memory
IC
Integrated Circuit
RF
Radio Frequency
RWD
Read Write Device



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com