Electronic Components Datasheet Search
  English  ▼

X  

12656 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 12656
Description  Anchor, Extension, SS5, X 5ft
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

12656 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  12656 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Coating
Galvanized
Strength Note
Ultimate strength ratings apply to properly installed anchors only. Failure to
install within 5 ° of alignment with the guy load may significantly lower
strength.
Tensile Strength
70000 lb
Torque Rating
5500 ft-lbs
Type
Anchor Extensions
UPC
096359068624
Dimensions
Length
60.000 in
Weight
38.220 lb
Logistics
Pallet Quantity
50 EA
Standard Package
1
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Anchor, Extension, SS5, X 5ft
by CHANCE Utility
Catalog ID: 12656
Square Shaft (SS 5) Extension 5' long (1524 mm)
Square Shaft Lead Sections are assembled to Square Shaft Extension
with through bolt.
Hot dipped galvanized per ASTM A153
Capacity of anchor can be determined by measuring installation torque


Similar Part No. - 12656

ManufacturerPart #DatasheetDescription
logo
Heyco.
12656 HEYCO-12656 Datasheet
90Kb / 1P
Blunt Rivets
12656 HEYCO-12656 Datasheet
90Kb / 1P
Blunt Rivets
More results

Similar Description - 12656

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C1100389 HUBBELL-C1100389 Datasheet
362Kb / 1P
Anchor, Extension, SS150, X 7ft
C1100140 HUBBELL-C1100140 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 10ft
C1100138 HUBBELL-C1100138 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 7ft
C1100137 HUBBELL-C1100137 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 5ft
C1100136 HUBBELL-C1100136 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 3.5ft
12655J HUBBELL-12655J Datasheet
363Kb / 1P
Anchor, Extension, SS5, 12 X 3.5ft
12655 HUBBELL-12655 Datasheet
362Kb / 1P
Anchor, Extension, SS5, X 3.5ft
12251A HUBBELL-12251A Datasheet
367Kb / 1P
Anchor, PISA Rod, Extension Anchor, PISA Rod, Extension
C1100470 HUBBELL-C1100470 Datasheet
362Kb / 1P
Anchor, Extension, SS150, X 5ft
C1100440 HUBBELL-C1100440 Datasheet
362Kb / 1P
Anchor, Extension, SS150, X 10ft
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com