Electronic Components Datasheet Search
  English  ▼

X  

4022 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # 4022
Description  Rod, Anchor Extension, 1-1/4in X 2ft Tripleye
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

4022 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  4022 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Coating
Galvanized
Eyenut Style
Tripleye
Type
Anchor Rod
UPC
096359468226
Dimensions
Length
24.000 in
Rod Diameter
1.250 in
Weight
14.151 lb
Logistics
Pallet Quantity
100 EA
Standard Package
1
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
Rod, Anchor Extension, 1-1/4in X
2ft Tripleye
by CHANCE Utility
Catalog ID: 4022
Expanding/Cross-Plate Anchor Rod Extension 1.25" (31.7 mm) Diameter
Rod, 2' (609 mm) long with Tripleye and with 1" (25.4 mm) clevis bolt.
These anchor rod extensions primarily are for making above grade
connections between installed anchors and guy wires.
Each rod includes high-strength bolt and nut
Hot dipped galvanized per ASTM A153


Similar Part No. - 4022

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4022 POMONA-4022 Datasheet
26Kb / 1P
Insulated Banana Jack, Miniature With Wire Wrap Terminal
logo
Schurter Inc.
4022 SCHURTER-4022 Datasheet
442Kb / 3P
IEC Connector C13, Rewireable, Straight
4022 SCHURTER-4022 Datasheet
634Kb / 6P
IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
4022 SCHURTER-4022 Datasheet
197Kb / 2P
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
4022 SCHURTER-4022 Datasheet
659Kb / 5P
IEC Appliance Inlet C14 with Filter
More results

Similar Description - 4022

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PSC1022306 HUBBELL-PSC1022306 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1in X 3ft Tripleye
PSC1022305 HUBBELL-PSC1022305 Datasheet
361Kb / 1P
Rod, Anchor Extension, 1in X 2ft Tripleye
PSC1022183 HUBBELL-PSC1022183 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1in X 2ft Twineye
PSC1022177 HUBBELL-PSC1022177 Datasheet
360Kb / 1P
Rod, Anchor Extension, 3/4in X 3ft Tripleye
C2000028 HUBBELL-C2000028 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1-1/4in X 8ft Tripleye
15129 HUBBELL-15129 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1-1/4in X 10ft Twineye
12699 HUBBELL-12699 Datasheet
366Kb / 1P
Anchor, Extension, Round Rod, 1-1/4in X 10ft
PS4023 HUBBELL-PS4023 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1-1/4in X 3ft Tripleye
W1040055 HUBBELL-W1040055 Datasheet
359Kb / 1P
Anchor, Rock, Grouted Rod 1-1/4in X 84in
W1040004 HUBBELL-W1040004 Datasheet
360Kb / 1P
Anchor, Rock, Grouted Rod 1-1/4in X 36in
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com