Electronic Components Datasheet Search
  English  ▼

X  

EL5293CS Datasheet(PDF) 14 Page - Intersil Corporation

Part # EL5293CS
Description  Dual 300MHz Current Feedback Amplifier with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5293CS Datasheet(HTML) 14 Page - Intersil Corporation

Back Button EL5293CS Datasheet HTML 6Page - Intersil Corporation EL5293CS Datasheet HTML 7Page - Intersil Corporation EL5293CS Datasheet HTML 8Page - Intersil Corporation EL5293CS Datasheet HTML 9Page - Intersil Corporation EL5293CS Datasheet HTML 10Page - Intersil Corporation EL5293CS Datasheet HTML 11Page - Intersil Corporation EL5293CS Datasheet HTML 12Page - Intersil Corporation EL5293CS Datasheet HTML 13Page - Intersil Corporation EL5293CS Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
excellent choice for driving isolation transformers in
telecommunications applications.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will
decouple the EL5293 from the cable and allow extensive
capacitive drive. However, other applications may have high
capacitive loads without a back-termination resistor. In these
applications, a small series resistor (usually between 5
Ω and
50
Ω) can be placed in series with the output to eliminate
most peaking. The gain resistor (RG) can then be chosen to
make up for any gain loss which may be created by this
additional resistor at the output. In many cases it is also
possible to simply increase the value of the feedback resistor
(RF) to reduce the peaking.
Current Limiting
The EL5293 has no internal current-limiting circuitry. If the
output is shorted, it is possible to exceed the Absolute
Maximum Rating for output current or power dissipation,
potentially resulting in the destruction of the device.
Power Dissipation
With the high output drive capability of the EL5293, it is
possible to exceed the 125°C Absolute Maximum junction
temperature under certain very high load current conditions.
Generally speaking when RL falls below about 25Ω, it is
important to calculate the maximum junction temperature
(TJMAX) for the application to determine if power supply
voltages, load conditions, or package type need to be
modified for the EL5293 to remain in the safe operating area.
These parameters are calculated as follows:
where:
TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
n = Number of amplifiers in the package
PDMAX = Maximum power dissipation of each amplifier in
the package
PDMAX for each amplifier can be calculated as follows:
where:
VS = Supply voltage
ISMAX = Maximum supply current of 1A
VOUTMAX = Maximum output voltage (required)
RL = Load resistance
T
JMAX
T
MAX
θ
JA
nPD
MAX
×
×
()
+
=
PD
MAX
2
(
V
S
I
SMAX )
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
×
=
EL5293, EL5293A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com