Electronic Components Datasheet Search
  English  ▼

X  

DPB09 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # DPB09
Description  9W SIP Package DC-DC Regulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DPB09 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  DPB09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DPB09 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. DPB09 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. DPB09 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. DPB09 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
Pin size is 0.50
.
mm ( .
0.01")
x0 30
x
002
"
Pin pitch tolerance:
0.05mm (
0.002")
±±
Plug Assignment
Pin-Out
Pin No.
1
2
3
6
7
8
-Vin
+Vin
R.C.
+Vout
-Vout
N.C.
-Vin
+Vin
R.C.
Common
+Vout
-Vout
SPBW09
(Single output)
DPBW09
(Dual output)
Derating Curve
Ta (
)
℃
-40
-20
0
Natural convection
20
40
60
50
80
100
20
30
60 70
85
90 100
Front View
Mechanical Specification
24(0.94)
2.54(0.10)
7.62(0.30)
17.78(0.70)
Bottom View
3.11(0.12)
0.5(0.02)
1
1
2
2
3
3
6
6
7
7
8
8
File Name:SPB09,DPB09-SPEC 2019-04-15
9W SIP Package DC-DC Regulated Converter
SPB09 & DPB09 series
0.8
+0.2/-0
ψ
Top View
12
7
6
38
Per Grid: 2.54mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com