Electronic Components Datasheet Search
  English  ▼

X  

SPRN01 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SPRN01
Description  1W SIP Package DC-DC Regulated Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPRN01 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SPRN01 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPRN01 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPRN01 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPRN01 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SPRN01L-05
SPRN01M-05
SPRN01N-05
SPRN01O-05
SPRN01L-12
SPRN01M-12
SPRN01N-12
SPRN01O-12
SPRN01L-15
SPRN01M-15
SPRN01N-15
SPRN01O-15
DPRN01L-12
DPRN01M-12
DPRN01N-12
DPRN01O-12
DPRN01L-15
DPRN01M-15
DPRN01N-15
DPRN01O-15
Normal 5V
(4.75 ~ 5.5V)
Normal 12V
(11.4 ~ 13.2V)
Normal 24V
(22.8 ~ 26.4V)
Normal 48V
(45.6 ~ 52.8V)
5V
5V
5V
5V
12V
12V
12V
12V
15V
15V
15V
15V
12V
±
12V
±
12V
±
12V
±
15V
±
15V
±
15V
±
15V
±
294mA
116mA
65mA
32mA
285mA
118mA
60mA
32mA
60mA
32mA
63mA
35mA
63mA
35mA
278mA
115mA
305mA
124mA
299mA
120mA
35mA
15mA
18mA
18mA
18mA
18mA
10mA
7mA
38mA
10mA
7mA
10mA
8mA
10mA
8mA
11mA
8mA
40mA
40mA
45mA
0 ~ 200mA
0 ~ 200mA
0 ~ 200mA
0 ~ 200mA
0 ~ 84mA
0 ~ 84mA
0 ~ 84mA
0 ~ 84mA
0 ~ 67mA
0 ~ 67mA
0 ~ 67mA
0 ~ 67mA
0 ~ 42mA
±
0 ~ 42mA
±
0 ~ 42mA
±
0 ~ 42mA
±
0 ~ 34mA
±
0 ~ 34mA
±
0 ~ 34mA
±
0 ~ 34mA
±
68%
72%
67%
67%
71%
72%
72%
67%
73%
67%
68%
63%
68%
63%
71%
73%
66%
68%
67%
69%
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
*47 F
± μ
*47 F
± μ
*47 F
± μ
*47 F
± μ
*47 F
± μ
*47 F
± μ
*47 F
± μ
*47 F
± μ
File Name:SPRN01,DPRN01-SPEC 2019-05-20
EFFICIENCY
(TYP.)
* For each output
1W SIP Package DC-DC Regulated Converter
SPRN01 & DPRN01 series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com