Electronic Components Datasheet Search
  English  ▼

X  

1985014 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1985014
Description  Spring-cage PCB terminal block - PTSA 1,5/ 7-3,5-F
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1985014 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1985014 Datasheet HTML 1Page - PHOENIX CONTACT 1985014 Datasheet HTML 2Page - PHOENIX CONTACT 1985014 Datasheet HTML 3Page - PHOENIX CONTACT 1985014 Datasheet HTML 4Page - PHOENIX CONTACT 1985014 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1985014
08/26/2014   Page 1 / 5
Spring-cage PCB terminal block - PTSA 1,5/ 7-3,5-F - 1985014
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, Nominal current: 2 A, Nom. voltage: 250 V, Pitch: 3.5 mm, Number of positions: 7,
Connection method: Spring-cage connection, Mounting: Soldering, Conductor/PCB connection direction: 45 °,
Color: green, Soldering legs in front area, one-rowed
The figure shows a 10-position
version of the product
Product Features
 3.5 mm pitch
 Compact design with easy actuation and direct plug-in technology
 Dielectric strength and mechanical stability increased thanks to zigzag pinning. Pinning always starts at the front right position. Special pinning
versions are available on request.
 Color coding and mixed pitches as an option
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
3.76 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
12 mm
Height
13.1 mm
Pitch
3.5 mm
Dimension a
21 mm
Pin dimensions
0,4 x 0,75 mm
Pin spacing
3.5 mm
Hole diameter
1 mm


Similar Part No. - 1985014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1985001 PHOENIX-1985001 Datasheet
250Kb / 13P
PCB terminal block, Push-in spring connection
1985027 PHOENIX-1985027 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 8-3,5-F
Sep 8, 2022
1985030 PHOENIX-1985030 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 9-3,5-F
Nov 30, 2022
1985043 PHOENIX-1985043 Datasheet
142Kb / 7P
PCB terminal block - PTSA 1,5/10-3,5-F
1985056 PHOENIX-1985056 Datasheet
420Kb / 11P
PTSA 1,5/11-3,5-F - PCB terminal block
More results

Similar Description - 1985014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711946 PHOENIX-1711946 Datasheet
81Kb / 1P
Spring-cage PCB terminal block - PTSA 1,5/ 8-3,5-Z BU
1985043 PHOENIX-1985043 Datasheet
142Kb / 7P
PCB terminal block - PTSA 1,5/10-3,5-F
1985108 PHOENIX-1985108 Datasheet
142Kb / 7P
PCB terminal block - PTSA 1,5/16-3,5-F
1984976 PHOENIX-1984976 Datasheet
139Kb / 9P
PCB terminal block - PTSA 1,5/ 3-3,5-F
09/12/2020
1984963 PHOENIX-1984963 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 2-3,5-F
Sep 8, 2022
1984992 PHOENIX-1984992 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 5-3,5-F
Jan 3, 2023
1985085 PHOENIX-1985085 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/14-3,5-F
Jan 3, 2023
1985111 PHOENIX-1985111 Datasheet
424Kb / 11P
PTSA 1,5/17-3,5-F - PCB terminal block
1985072 PHOENIX-1985072 Datasheet
425Kb / 11P
PTSA 1,5/13-3,5-F - PCB terminal block
1985098 PHOENIX-1985098 Datasheet
424Kb / 11P
PTSA 1,5/15-3,5-F - PCB terminal block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com