Electronic Components Datasheet Search
  English  ▼

X  

PS816 Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # PS816
Description  Anchor, No Wrench, 8in x 66in Tripleye
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

PS816 Datasheet(HTML) 1 Page - Hubbell Incorporated.

  PS816 Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
General
Coating
Galvanized
Eyenut Style
Tripleye
Number of Helices
1
Torque Rating
1000 ft-lbs
Type
Helical Anchors
UPC
096359074830
Dimensions
Anchor Helix Diameter(s)
8 in
Length
66.000 in
Rod Diameter
1.000 in
Weight
21.031 lb
Logistics
Pallet Quantity
60 EA
Standard Package
1
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Anchor, No Wrench, 8in x 66in
Tripleye
by CHANCE Utility
Catalog ID: PS816
No-Wrench 66" (1676 mm) long with 8" (203 mm) Helix Tripleye.
No-Wrench Screw Anchors may be installed by hand or machine.
Hot dipped galvanized per ASTM A153
No-Wrench Screw Anchors can be installed to a greater depth to reach
a firmer soil by using an extension rod


Similar Part No. - PS816

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
Li Ion Single Cell Fuel Gauge
2006
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8101 NEC-PS8101 Datasheet
126Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101 Datasheet
250Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE
More results

Similar Description - PS816

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PSC1022306 HUBBELL-PSC1022306 Datasheet
360Kb / 1P
Rod, Anchor Extension, 1in X 3ft Tripleye
PSC1022305 HUBBELL-PSC1022305 Datasheet
361Kb / 1P
Rod, Anchor Extension, 1in X 2ft Tripleye
43451 HUBBELL-43451 Datasheet
365Kb / 1P
Anchor, No Wrench, 4in x 54in Thimbleye
12537 HUBBELL-12537 Datasheet
365Kb / 1P
Anchor, No Wrench, 14in x 96in Tripleye
10148 HUBBELL-10148 Datasheet
365Kb / 1P
Anchor, No Wrench, 10in x 96in Tripleye
10146 HUBBELL-10146 Datasheet
365Kb / 1P
Anchor, No Wrench, 10in x 66in Tripleye
8161 HUBBELL-8161 Datasheet
365Kb / 1P
Anchor, No Wrench, 8in x 66in Thimbleye
6346 HUBBELL-6346 Datasheet
365Kb / 1P
Anchor, No Wrench, 6in x 66in Tripleye
4345 HUBBELL-4345 Datasheet
364Kb / 1P
Anchor, No Wrench, 4in x 54in Tripleye
E1020047 HUBBELL-E1020047 Datasheet
372Kb / 1P
Anchor, PISA Rod, 5/8in X 3.5ft Tripleye, 5/8in threads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com