Electronic Components Datasheet Search
  English  ▼

X  

EL5481 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5481
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5481 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5481 Datasheet HTML 1Page - Intersil Corporation EL5481 Datasheet HTML 2Page - Intersil Corporation EL5481 Datasheet HTML 3Page - Intersil Corporation EL5481 Datasheet HTML 4Page - Intersil Corporation EL5481 Datasheet HTML 5Page - Intersil Corporation EL5481 Datasheet HTML 6Page - Intersil Corporation EL5481 Datasheet HTML 7Page - Intersil Corporation EL5481 Datasheet HTML 8Page - Intersil Corporation EL5481 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Analog Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . +12.6V
Digital Supply Voltage (VSD to GND). . . . . . . . . . . . . . . . . . . . . .+7V
Differential Input Voltage . . . . . . . . . . .[(VS-) -0.2V] to [(VS+) +0.2V]
Common-mode Input Voltage . . . . . . .[(VS-) -0.2V] to [(VS+) +0.2V]
Latch Input Voltage . . . . . . . . . . . . . . . . . . . . -0.2V to [(VSD) +0.2V]
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = ±5V, VSD = 5V, RL = 2.3kΩ, CL = 15pF, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT
VOS
Input Offset Voltage
VCM = 0V, VO = 2.5V
1
4
mV
IB
Input Bias Current
-6
-3.5
µA
CIN
Input Capacitance
5pF
IOS
Input Offset Current
VCM = 0V, VO = 2.5V
-2.5
0.5
2.5
µA
VCM
Input Voltage Range
(VS-) -0.1
(VS+) -2.25
V
CMRR
Common-mode Rejection Ratio
-5.1V < VCM < +2.75V
65
90
dB
OUTPUT
VOH
Output High Voltage
VIN > 250mV
VSD -0.6
VSD -0.4
V
VOL
Output Low Voltage
VIN > 250mV
GND +0.25
GND +0.5
V
DYNAMIC PERFORMANCE
tpd+
Positive Going Delay Time
VIN = 1VP-P, VOD = 50mV
8
12
ns
tpd-
Negative Going Delay Time
VIN = 1VP-P, VOD = 50mV
8
12
ns
SUPPLY
IS+
Positive Analog Supply Current
(per comparator)
7
8.2
mA
IS-
Negative Analog Supply Current
(per comparator)
5
6.5
mA
ISD
Digital Supply Current
(per comparator) All outputs high
4
5
mA
(per comparator) All outputs low
0.75
1
mA
PSRR
Power Supply Rejection Ratio
60
80
dB
LATCH - EL5482 ONLY
VLH
Latch Input Voltage High
2.0
V
VLL
Latch Input Voltage Low
0.8
V
ILH
Latch Input Current High
VLH = 3.0V
-30
-18
µA
ILL
Latch Input Current Low
VLL = 0.3V
-30
-24
µA
td+
Latch Disable to High Delay
6
ns
td-
Latch Disable to Low Delay
6
ns
ts
Minimum Setup Time
2
ns
th
Minimum Hold Time
1
ns
tpw(D)
Minimum Latch Disable Pulse Width
10
ns
EL5481, EL5482



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com