Electronic Components Datasheet Search
  English  ▼

X  

MPI201210SF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MPI201210SF
Description  High Current Ferrite Chip Inductor (Lead Free)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MPI201210SF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MPI201210SF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
4. Specification
Tai-Tech
Inductance(uH)
Test Frequency
(Hz)
Rated Current
DCR (Ω)
Part Number
(mA) max.
max.
typ.
MPI201210SF-1R0M-1A0
1.00±20%
1M / 60mV
1000
0.26
0.20
MPI201210SF-2R2M-0A9
2.20±20%
1M / 60mV
900
0.36
0.28
MPI201210SF-4R7M-0A8
4.70±20%
1M / 60mV
800
0.39
0.30
●
Irms:DC current that causes temperature rise(∆T 40
℃) from 25℃ ambient.
MPI
201210
S
F
-
2R2 M
-
0A9
A
B
C
D
E
FG
A: Series
B: Dimension
C: Category Code
D: Material
Lead Free Material
E: Inductance
2R2=2.20uH
F: Inductance Tolerance
M=±20%
G: Rated Current
Chip Size
Series
A(mm)
B(mm)
C(mm)
D(mm)
201210
2.00±0.20
1.25±0.20
1.00 max.
0.50±0.30
High Current Ferrite Chip Inductor (Lead Free)
MPI201210SF-Series
Halogen-free
Halogen
1.Low DC resistance structure of electrode to prevent wasteful electric
power consumption.
2.Suitable for reflow soldering.
3.Excellent solder ability and heat resistance.
4.100% Lead(Pb) & Halogen-Free and RoHS compliant.
5.Operating Temperature:-55~+105℃(Including self-temperature rise)


Similar Part No. - MPI201210SF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MPI201210MF TAI-TECH-MPI201210MF Datasheet
151Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI201210MF-1R0M-1A4 TAI-TECH-MPI201210MF-1R0M-1A4 Datasheet
151Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI201210MF-1R5M-1A3 TAI-TECH-MPI201210MF-1R5M-1A3 Datasheet
151Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI201210MF-2R2M-1A2 TAI-TECH-MPI201210MF-2R2M-1A2 Datasheet
151Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI201210MF-4R7M-1A0 TAI-TECH-MPI201210MF-4R7M-1A0 Datasheet
151Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
More results

Similar Description - MPI201210SF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
CPI252010UF TAI-TECH-CPI252010UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI201610UF TAI-TECH-CPI201610UF Datasheet
69Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI160809UF TAI-TECH-CPI160809UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CMPI252010 TAI-TECH-CMPI252010 Datasheet
68Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MCP21610U TAI-TECH-MCP21610U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MCP2110U TAI-TECH-MCP2110U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MPI201610MF TAI-TECH-MPI201610MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809SF TAI-TECH-MPI160809SF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809MF TAI-TECH-MPI160809MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MCP25210U TAI-TECH-MCP25210U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com