Electronic Components Datasheet Search
  English  ▼

X  

BCM2012F2SF Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # BCM2012F2SF
Description  Wire Wound Type Balun
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

BCM2012F2SF Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  BCM2012F2SF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 4Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 5Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 6Page - TAI-TECH Advanced Electronics Co., Ltd. BCM2012F2SF Datasheet HTML 7Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-TECH
www.tai-tech.com.tw
P3
TAI-TECH
Part Number
UB/B
Impedance
(Ω)
Test
Frequency
(MHz)
DC
Resistance
(Ω) max.
Rated Power
(dBm) max.
Rated Volt.
(DCV) max.
Withstand
Volt. (DCV)
max.
IR
(MΩ)
min.
Insertion Loss
(dB)max
CMRR
(dB)
BCM2012F2SF-75011-MT2
75/75
50~1200
0.77
27
20
50
10
50~870MHz:1.0
870~1200MHz:1.2.
20(min.)
BCM2012F2SF-75011-SA2
75/75
45~870
0.88
27
20
50
10
1.0
20(min.)
BCM2012F2SF-75011-SB2
75/75
50~1200
0.70
27
20
50
10
1.2
20(min.)
BCM2012F2SF-75011-122
75/75
1000~1500
0.59
27
20
50
10
1.4
20(min.)
Insertion Loss& CMRR
BCM2012F2SF-50011-TE2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com