Electronic Components Datasheet Search
  English  ▼

X  

1988024 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1988024
Description  PCB terminal block - PT 2,5/ 9-7,5-V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1988024 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1988024 Datasheet HTML 1Page - PHOENIX CONTACT 1988024 Datasheet HTML 2Page - PHOENIX CONTACT 1988024 Datasheet HTML 3Page - PHOENIX CONTACT 1988024 Datasheet HTML 4Page - PHOENIX CONTACT 1988024 Datasheet HTML 5Page - PHOENIX CONTACT 1988024 Datasheet HTML 6Page - PHOENIX CONTACT 1988024 Datasheet HTML 7Page - PHOENIX CONTACT 1988024 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1988024
01/10/2020   Page 1 / 8
PCB terminal block - PT 2,5/ 9-7,5-V - 1988024
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 32 A, rated voltage (III/2): 800 V, Nominal cross section: 2.5 mm², pitch:
7.5 mm, number of positions: 9, connection method: Screw connection with wire protector, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning, Solder pin [P]:
4.1 mm
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 High terminal block capacity thanks to rectangular terminal block space
 Allows connection of two conductors
 The latching on the side enables various numbers of positions to be combined
Key Commercial Data
Packing unit
100 pc
Minimum order quantity
100 pc
GTIN
GTIN
4046356036559
Technical data
Item properties
Brief article description
PCB terminal block
Range of articles
PT 2,5/..-V
Pitch
7.5 mm
Number of positions
9
Connection method
Screw connection with wire protector
Screw thread
M3
Mounting type
Wave soldering
Pin layout
Linear pinning
Number of levels
1


Similar Part No. - 1988024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1988008 PHOENIX-1988008 Datasheet
440Kb / 11P
PT 2,5/ 7-7,5-V - PCB terminal block
1988011 PHOENIX-1988011 Datasheet
440Kb / 11P
PT 2,5/ 8-7,5-V - PCB terminal block
1988037 PHOENIX-1988037 Datasheet
439Kb / 11P
PT 2,5/10-7,5-V - PCB terminal block
1988040 PHOENIX-1988040 Datasheet
439Kb / 11P
PT 2,5/11-7,5-V - PCB terminal block
1988053 PHOENIX-1988053 Datasheet
430Kb / 11P
PT 2,5/12-7,5-V - PCB terminal block
More results

Similar Description - 1988024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1988121 PHOENIX-1988121 Datasheet
213Kb / 6P
PCB terminal block - PT 2,5/ 4-7,5-H
1988176 PHOENIX-1988176 Datasheet
138Kb / 8P
PCB terminal block - PT 2,5/ 9-7,5-H
09/12/2020
1987960 PHOENIX-1987960 Datasheet
357Kb / 9P
PCB terminal block - PT 2,5/ 3-7,5-V
1987999 PHOENIX-1987999 Datasheet
441Kb / 11P
PT 2,5/ 6-7,5-V - PCB terminal block
1988008 PHOENIX-1988008 Datasheet
440Kb / 11P
PT 2,5/ 7-7,5-V - PCB terminal block
1988066 PHOENIX-1988066 Datasheet
435Kb / 11P
PT 2,5/13-7,5-V - PCB terminal block
1988095 PHOENIX-1988095 Datasheet
435Kb / 11P
PT 2,5/16-7,5-V - PCB terminal block
1988037 PHOENIX-1988037 Datasheet
439Kb / 11P
PT 2,5/10-7,5-V - PCB terminal block
1987986 PHOENIX-1987986 Datasheet
441Kb / 11P
PT 2,5/ 5-7,5-V - PCB terminal block
1988011 PHOENIX-1988011 Datasheet
440Kb / 11P
PT 2,5/ 8-7,5-V - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com