Electronic Components Datasheet Search
  English  ▼

X  

MM54HC58J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC58J
Description  Dual AND-OR-Invert Gate / Dual AND-OR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC58J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC58J Datasheet HTML 1Page - National Semiconductor (TI) MM54HC58J Datasheet HTML 2Page - National Semiconductor (TI) MM54HC58J Datasheet HTML 3Page - National Semiconductor (TI) MM54HC58J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5302
January 1988
MM54HC51MM74HC51 Dual AND-OR-Invert Gate
MM54HC58MM74HC58 Dual AND-OR Gate
General Description
These gates utilize advanced silicon-gate CMOS technology
to achieve operating speeds similar to LS-TTL gates with
the low power consumption of standard CMOS integrated
circuits All gates have buffered outputs providing high
noise immunity and the ability to drive 10 LS-TTL loads The
54HC74HC logic family is functionally as well as pin-out
compatible with the standard 54LS74LS logic family All
inputs are protected from damage due to static discharge by
internal diode clamps to VCC and ground
Features
Y
Typical propagation delay 10 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent supply current 20 mA maximum
(74 Series)
Y
Low input current 1 mA maximum
Y
High output current 4 mA minimum
Connection Diagrams
Dual-In-Line Package
TLF5302 – 1
Top View
Order Number MM54HC51 or MM74HC51
Dual-In-Line Package
TLF5302 – 2
Top View
Order Number MM54HC58 or MM74HC58
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC58J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
TRI-STATE-R Octal D-Type Latch with Inverted Outputs
MM54HC533J NSC-MM54HC533J Datasheet
101Kb / 4P
TRI-STATE-R Octal D-Type Latch with Inverted Outputs
MM54HC595 NSC-MM54HC595 Datasheet
186Kb / 8P
8-Bit Shift Registers with Output Latches
MM54HC595J NSC-MM54HC595J Datasheet
186Kb / 8P
8-Bit Shift Registers with Output Latches
MM54HC595N NSC-MM54HC595N Datasheet
186Kb / 8P
8-Bit Shift Registers with Output Latches
More results

Similar Description - MM54HC58J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC58 PHILIPS-74HC58 Datasheet
35Kb / 5P
Dual AND-OR gate
December 1990
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Dec-1992
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
199Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Aug-2001
logo
Texas Instruments
CD4085B TI-CD4085B Datasheet
527Kb / 11P
CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Hitachi Semiconductor
HD14506B HITACHI-HD14506B Datasheet
81Kb / 6P
Dual 2-wide 2-input Expandable AND-OR-INVERT Gate
logo
Intersil Corporation
CD4085BMS INTERSIL-CD4085BMS Datasheet
78Kb / 9P
CMOS Dual 2 Wide 2 Input AND-OR-INVERT Gate
December 1992
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Texas Instruments
CD4085B TI1-CD4085B_15 Datasheet
892Kb / 15P
Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com