Electronic Components Datasheet Search
  English  ▼

X  

128705 Datasheet(PDF) 1 Page - Adels-Contact

Part # 128705
Description  2000 K/ 5 DS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

128705 Datasheet(HTML) 1 Page - Adels-Contact

  128705 Datasheet HTML 1Page - Adels-Contact 128705 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
29/01/2020
Screw Connectors
2000 K/ 5 DS
Terminal Block, 5 pole, Insulating Material: PA 6, Cross-
Section: 16.0 mm², Pin Spacing: 14.5 mm, Wire Protector (DS): yes,
Fixing: Screw, Voltage Rating: 500 V, Current Rating: 76 A
Order Info
Reference Number (ref. no.)
128705
Applications
Installation, Electrical Appliances, Transformers
PU
40
EAN
4028012106660
Type
Type
Terminal Block
Number of poles
5 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
16.0 mm²
Connection Type
Screw
Wire Protector (DS)
yes
Technical Data
Voltage Rating
500 V
Current Rating
76 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
10.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
10.0-10.5 mm
Assembly Contact Screw
1.0x5.5 / 2.0 Nm
Pin Spacing
14.5 mm
Fixing
Screw
Approbation EN60998
2000_EN60998_20070823_20160412_VDE_ENEC_40021892_web.pdf
Approbation UL
1500_2000_19890315_20170213_UL_E63492_1-08_Description_web.pdf


Similar Part No. - 128705

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1287051 PHOENIX-1287051 Datasheet
229Kb / 7P
THERMOMARK E.SLEEVE SET US - Applicator set
1287056 PHOENIX-1287056 Datasheet
238Kb / 7P
THERMOMARK E.WRAP SET US - Applicator set
logo
Adels-Contact
128705M ADELS-128705M Datasheet
120Kb / 2P
2000 K/ 5 MDS Bronze
More results

Similar Description - 128705

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1287G5 ADELS-1287G5 Datasheet
121Kb / 2P
2000 K/ 5 DS GW
128701 ADELS-128701 Datasheet
116Kb / 1P
2000 K/ 1 DS
128702 ADELS-128702 Datasheet
118Kb / 2P
2000 K/ 2 DS
128703 ADELS-128703 Datasheet
119Kb / 2P
2000 K/ 3 DS
128706 ADELS-128706 Datasheet
150Kb / 2P
2000 K/ 6 DS
128707 ADELS-128707 Datasheet
150Kb / 2P
2000 K/ 7 DS
128708 ADELS-128708 Datasheet
151Kb / 2P
2000 K/ 8 DS
128710 ADELS-128710 Datasheet
152Kb / 2P
2000 K/10 DS
128711 ADELS-128711 Datasheet
152Kb / 2P
2000 K/11 DS
128725 ADELS-128725 Datasheet
112Kb / 2P
2000 K/ 5 DS HT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com