Electronic Components Datasheet Search
  English  ▼

X  

ATS673 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button ATS673 Datasheet HTML 12Page - Allegro MicroSystems ATS673 Datasheet HTML 13Page - Allegro MicroSystems ATS673 Datasheet HTML 14Page - Allegro MicroSystems ATS673 Datasheet HTML 15Page - Allegro MicroSystems ATS673 Datasheet HTML 16Page - Allegro MicroSystems ATS673 Datasheet HTML 17Page - Allegro MicroSystems ATS673 Datasheet HTML 18Page - Allegro MicroSystems ATS673 Datasheet HTML 19Page - Allegro MicroSystems ATS673 Datasheet HTML 20Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
Power Derating
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
Minimum-K PCB (single layer, single-sided, with copper limited to
solder pads)
101
ºC/W
Low-K PCB (single-layer, single-sided with copper limited to
solder pads and 3.57 in.2 (23.03 cm2) of copper area each side)
77
ºC/W
0
5
10
15
20
25
30
20
40
60
80
100
120
140
160
180
TJ(max) = 165ºC
Power Derating Curve
(RθJA = 101 ºC/W)
Minimum-K PCB
(RθJA = 77 ºC/W)
Low-K PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature, TA (°C)
Power Dissipation Versus Ambient
for Sample PCBs
(R
θJA =1
01º
C/W)
Minimum-K
PCB
(R
θJA =
77
ºC/W)
Low-K
PCB
*Additional information is available on the Allegro Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com