Electronic Components Datasheet Search
  English  ▼

X  

ATS673LSETN-HT Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS673LSETN-HT
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673LSETN-HT Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS673LSETN-HT Datasheet HTML 4Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 5Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 6Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 7Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 8Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 9Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 10Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 11Page - Allegro MicroSystems ATS673LSETN-HT Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
Characteristic Data: Electrical
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
175
-50
-25
0
25
50
75
100
125
150
175
-50
-25
0
25
50
75
100
125
150
175
Supply Current (On) Versus Ambient Temperature
Output Voltage (Low) Versus Ambient Temperature
VCC (V)
TA (°C)
Supply Current (Off) Versus Ambient Temperature
Supply Current (On) Versus Supply Voltage
Supply Current (Off) Versus Supply Voltage
Output Leakage Current (Off) Versus Ambient Temperature
TA (°C)
TA (°C)
TA (°C)
VCC (V)
0
2
4
6
8
10
5
6
3
4
7
8
9
10
11
0
100
200
300
400
500
5
6
3
4
7
8
9
10
11
5
6
3
4
7
8
9
10
11
5
6
3
4
7
8
9
10
11
IOUT (mA)
20
15
10
VCC (V)
26.5
15.0
3.3
26.5
15.0
3.3
VCC (V)
TA (°C)
-40
0
25
85
150
TA (°C)
-40
0
25
85
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com