Electronic Components Datasheet Search
  English  ▼

X  

1990232 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1990232
Description  PCB terminal block - PTSA 0,5/24-2,5-Z
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1990232 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1990232 Datasheet HTML 1Page - PHOENIX CONTACT 1990232 Datasheet HTML 2Page - PHOENIX CONTACT 1990232 Datasheet HTML 3Page - PHOENIX CONTACT 1990232 Datasheet HTML 4Page - PHOENIX CONTACT 1990232 Datasheet HTML 5Page - PHOENIX CONTACT 1990232 Datasheet HTML 6Page - PHOENIX CONTACT 1990232 Datasheet HTML 7Page - PHOENIX CONTACT 1990232 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1990232
01/10/2020   Page 1 / 8
PCB terminal block - PTSA 0,5/24-2,5-Z - 1990232
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 2 A, rated voltage (III/2): 250 V, Nominal cross section: 0.5 mm², pitch:
2.5 mm, number of positions: 24, connection method: Push-in spring connection, mounting: Wave soldering,
conductor/PCB connection direction: 45 °, color: green, Pin layout: Zigzag pinning W, Solder pin [P]: 3.6 mm.
Offset soldering legs, two-rowed
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Defined contact force ensures that contact remains stable over the long term
 Angled connection enables multi-row arrangement on the PCB
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918973797
Technical data
Item properties
Brief article description
PCB terminal block
Range of articles
PTSA 0,5
Pitch
2.5 mm
Number of positions
24
Connection method
Push-in spring connection
Mounting type
Wave soldering
Pin layout
Zigzag pinning W
Number of levels
1
Number of connections
24
Number of potentials
24
Electrical parameters


Similar Part No. - 1990232

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
19902 DESCO-19902 Datasheet
313Kb / 1P
MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
February 2019
logo
PHOENIX CONTACT
1990203 PHOENIX-1990203 Datasheet
134Kb / 8P
PCB terminal block - PTSA 0,5/22-2,5-Z
1990229 PHOENIX-1990229 Datasheet
412Kb / 11P
PTSA 0,5/23-2,5-Z - PCB terminal block
1990258 PHOENIX-1990258 Datasheet
97Kb / 7P
PCB terminal block - ZFKDSA 2,5-6,08 R THT
09/12/2020
More results

Similar Description - 1990232

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1990180 PHOENIX-1990180 Datasheet
135Kb / 8P
PCB terminal block - PTSA 0,5/20-2,5-Z
1990203 PHOENIX-1990203 Datasheet
134Kb / 8P
PCB terminal block - PTSA 0,5/22-2,5-Z
1990096 PHOENIX-1990096 Datasheet
130Kb / 9P
PCB terminal block - PTSA 0,5/11-2,5-Z
09/12/2020
1990151 PHOENIX-1990151 Datasheet
130Kb / 9P
PCB terminal block - PTSA 0,5/17-2,5-Z
09/12/2020
1990009 PHOENIX-1990009 Datasheet
415Kb / 11P
PCB terminal block - PTSA 0,5/ 2-2,5-Z
Sep 8, 2022
1990025 PHOENIX-1990025 Datasheet
430Kb / 11P
PCB terminal block - PTSA 0,5/ 4-2,5-Z
Jul 21, 2022
1990038 PHOENIX-1990038 Datasheet
342Kb / 9P
PCB terminal block - PTSA 0,5/ 5-2,5-Z
1990054 PHOENIX-1990054 Datasheet
342Kb / 9P
PCB terminal block - PTSA 0,5/ 7-2,5-Z
1990070 PHOENIX-1990070 Datasheet
342Kb / 9P
PCB terminal block - PTSA 0,5/ 9-2,5-Z
1990135 PHOENIX-1990135 Datasheet
342Kb / 9P
PCB terminal block - PTSA 0,5/15-2,5-Z
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com