Electronic Components Datasheet Search
  English  ▼

X  

1733185 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1733185
Description  MKDS 3/ 8 CRWH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1733185 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1733185 Datasheet HTML 1Page - PHOENIX CONTACT 1733185 Datasheet HTML 2Page - PHOENIX CONTACT 1733185 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Jan 19, 2011
Extract from the online
catalog
 
MKDS 3/ 8 CRWH
Order No.: 1990300
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1990300
 
 
PC terminal block, Nominal current: 24 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 8, Type of connection: Screw connection,
Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
cream white, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
949785
Note
Made-to-order
sales group
E012
Pack
50 pcs.
Customs tariff
85369010
Product notes
WEEE/RoHS-compliant since:
12/03/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CCA, CSA, CUL, GL, SEV, UL


Similar Part No. - 1733185

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1733185 PHOENIX-1733185 Datasheet
48Kb / 2P
Insertion bridge - EBP 4- 5
1733185 PHOENIX-1733185 Datasheet
225Kb / 13P
PCB terminal block, Screw connection with tension sleeve
1733185 PHOENIX-1733185 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
1733185 PHOENIX-1733185 Datasheet
142Kb / 6P
MKDS 3/ 4
1733185 PHOENIX-1733185 Datasheet
157Kb / 4P
MKDS 3/ 8
More results

Similar Description - 1733185

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711039 PHOENIX-1711039 Datasheet
138Kb / 6P
MKDS 3/ 3
1711084 PHOENIX-1711084 Datasheet
157Kb / 4P
MKDS 3/ 8
1714357 PHOENIX-1714357 Datasheet
116Kb / 6P
PCB terminal block - MKDS 3/12 CRWH
1715080 PHOENIX-1715080 Datasheet
141Kb / 6P
MKDS 1,5/ 8
1724592 PHOENIX-1724592 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 8 BK
1794379 PHOENIX-1794379 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 8 CRWH BDMC J14
1871212 PHOENIX-1871212 Datasheet
100Kb / 6P
PCB terminal block - MKDS 3/ 8 ABGY
1904901 PHOENIX-1904901 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 8 RD
1985771 PHOENIX-1985771 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 4 CRWH
1985784 PHOENIX-1985784 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 3 CRWH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com