Electronic Components Datasheet Search
  English  ▼

X  

1990821 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1990821
Description  PCB terminal block - SPT 1,5/11-H-3,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1990821 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1990821 Datasheet HTML 1Page - PHOENIX CONTACT 1990821 Datasheet HTML 2Page - PHOENIX CONTACT 1990821 Datasheet HTML 3Page - PHOENIX CONTACT 1990821 Datasheet HTML 4Page - PHOENIX CONTACT 1990821 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1990821
08/27/2014   Page 2 / 5
PCB terminal block - SPT 1,5/11-H-3,5 - 1990821
Technical data
Dimensions
Pin dimensions
0,8 x 0,8 mm
Pin spacing
3.5 mm
Hole diameter
1.1 mm
General
Range of articles
SPT 1,5/..-H
Insulating material group
I
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
200 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
17.5 A
Nominal cross section
1.5 mm²
Maximum load current
17.5 A
Insulating material
PA
Solder pin surface
Sn
Inflammability class according to UL 94
V0
Stripping length
10 mm
Number of positions
11
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm² Stripping length 8 mm
Conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm² Stripping length 8 mm
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm² Stripping length 8 mm
Conductor cross section stranded, with ferrule with plastic sleeve max.
0.75 mm² Stripping length 8 mm
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
16
Minimum AWG according to UL/CUL
24
Maximum AWG according to UL/CUL
16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com