| Electronic Components Datasheet Search |
|
HD64F3694G Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F3694G Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 432 page ![]() Rev. 4.00, 03/04, page xxi of xxviii Section 12 Timer W Figure 12.1 Timer W Block Diagram......................................................................................... 147 Figure 12.2 Free-Running Counter Operation ............................................................................ 157 Figure 12.3 Periodic Counter Operation..................................................................................... 158 Figure 12.4 0 and 1 Output Example (TOA = 0, TOB = 1)........................................................ 158 Figure 12.5 Toggle Output Example (TOA = 0, TOB = 1) ........................................................ 159 Figure 12.6 Toggle Output Example (TOA = 0, TOB = 1) ........................................................ 159 Figure 12.7 Input Capture Operating Example........................................................................... 160 Figure 12.8 Buffer Operation Example (Input Capture)............................................................. 160 Figure 12.9 PWM Mode Example (1) ........................................................................................ 161 Figure 12.10 PWM Mode Example (2) ...................................................................................... 162 Figure 12.11 Buffer Operation Example (Output Compare) ...................................................... 162 Figure 12.12 PWM Mode Example (TOB, TOC, and TOD = 0: initial output values are set to 0)................................ 163 Figure 12.13 PWM Mode Example (TOB, TOC, and TOD = 1: initial output values are set to 1)................................ 164 Figure 12.14 Count Timing for Internal Clock Source............................................................... 165 Figure 12.15 Count Timing for External Clock Source.............................................................. 165 Figure 12.16 Output Compare Output Timing ........................................................................... 166 Figure 12.17 Input Capture Input Signal Timing........................................................................ 166 Figure 12.18 Timing of Counter Clearing by Compare Match................................................... 167 Figure 12.19 Buffer Operation Timing (Compare Match).......................................................... 167 Figure 12.20 Buffer Operation Timing (Input Capture) ............................................................. 168 Figure 12.21 Timing of IMFA to IMFD Flag Setting at Compare Match .................................. 168 Figure 12.22 Timing of IMFA to IMFD Flag Setting at Input Capture...................................... 169 Figure 12.23 Timing of Status Flag Clearing by CPU................................................................ 169 Figure 12.24 Contention between TCNT Write and Clear ......................................................... 170 Figure 12.25 Internal Clock Switching and TCNT Operation.................................................... 171 Figure 12.26 When Compare Match and Bit Manipulation Instruction to TCRW Occur at the Same Timing ..................................................................................... 172 Section 13 Watchdog Timer Figure 13.1 Block Diagram of Watchdog Timer ........................................................................ 173 Figure 13.2 Watchdog Timer Operation Example...................................................................... 177 Section 14 Serial Communication Interface3 (SCI3) Figure 14.1 Block Diagram of SCI3........................................................................................... 180 Figure 14.2 Data Format in Asynchronous Communication ...................................................... 195 Figure 14.3 Relationship between Output Clock and Transfer Data Phase (Asynchronous Mode)(Example with 8-Bit Data, Parity, Two Stop Bits)............... 195 Figure 14.4 Sample SCI3 Initialization Flowchart ..................................................................... 196 Figure 14.5 Example SCI3 Operation in Transmission in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit)............................................................................ 197 Figure 14.6 Sample Serial Transmission Flowchart (Asynchronous Mode) .............................. 198 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |