Electronic Components Datasheet Search
  English  ▼

X  

HC6RPER Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # HC6RPER
Description  NEXTSPEED짰 LINK Category 6 UTP Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

HC6RPER Datasheet(HTML) 1 Page - Hubbell Incorporated.

  HC6RPER Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data & Communications
Copper Cable
NEXTSPEED® LINK Category 6 UTP Cable
Ordering Information
Description
Color
Delivery UPC Number
Catalog Number
NEXTSPEED LINK
Category 6 UTP Cable,
Plenum
Red
1,000 ft.
REELEX
Box
662620659695
HC6RPER
Specifications
Conductor
Conductor Insulation
Cabling
Jacket
NVP
Rated Temperature
23 AWG solid annealed copper
CMP: FEP, CMR: Polyolefin
Four unshielded twisted pairs in overall jacket.
CMP: Low-Smoke PVC; CMR: PVC
CMP: 73%; CMR: 70%
CMP 90°C; CMR 75°C
Performance
IEEE 802.3 10/100/1000BASE-T
IEEE 802.3 10GbE when qualified per TSB-155
IEEE 802.3af (PoE), IEEE 802.3at (PoE+)
IEEE 802.3bt (4PPoE Type 3 and 4)
Accessories
NEXTSPEED Category 6 Jacks
NEXTSPEED Category 6 Patch Panels
NEXTSPEED Category 6 Patch Cords
HXJ6B
HP648
HC6B03
Listings
ANSI/TIA 568.2-D
ISO 11802 Ed. 2 (Class E)
NFPA 262 (CMP); UL 1666 (CMR)
NEC Article 800 compliant (NFPA 70)
Online Resources
eCatalog
Hubbell Premise Wiring • An affiliate of Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484
Phone (800) 626-0005 • FAX (860) 535-5368 • Specifications subject to change without notice
Features
• Guaranteed to meet all transmission and mechanical performance
requirements specified in the TIA/EIA-568.2-D
• Sweep tested from 1 to 500 MHz
• Balanced and optimized with Hubbell connectivity to maximize
performance
• Small O.D. to maximize conduit/pathway capacity and airflow


Similar Part No. - HC6RPER

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
HC6RPEB HUBBELL-HC6RPEB Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
HC6RPEBK HUBBELL-HC6RPEBK Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
HC6RPEGN HUBBELL-HC6RPEGN Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
HC6RPEGY HUBBELL-HC6RPEGY Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
HC6RPEOR HUBBELL-HC6RPEOR Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
More results

Similar Description - HC6RPER

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_HC6RREW HUBBELL-PREMISE_HC6RREW Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RRER HUBBELL-PREMISE_HC6RRER Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RREPK HUBBELL-PREMISE_HC6RREPK Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RREOR HUBBELL-PREMISE_HC6RREOR Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RREGY HUBBELL-PREMISE_HC6RREGY Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RPEY HUBBELL-PREMISE_HC6RPEY Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RPEW HUBBELL-PREMISE_HC6RPEW Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RPEP HUBBELL-PREMISE_HC6RPEP Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RPEBK HUBBELL-PREMISE_HC6RPEBK Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
PREMISE_HC6RPEB HUBBELL-PREMISE_HC6RPEB Datasheet
201Kb / 1P
NEXTSPEED짰 LINK Category 6 UTP Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com