Electronic Components Datasheet Search
  English  ▼

X  

C6RRW Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # C6RRW
Description  NEXTSPEED짰Category 6 UTP Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

C6RRW Datasheet(HTML) 1 Page - Hubbell Incorporated.

  C6RRW Datasheet HTML 1Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hubbell Premise Wiring • Hubbell Incorporated (Delaware) • 40 Waterview Drive • Shelton, CT 06484 • Phone (800) 626-0005 • FAX (860) 535-5368
Cable
UTP Cables
NEXTSPEED®Category 6 UTP Cable
Features
Sweep Tested from 1-500MHz
Guaranteed Headroom Over TIA and ISO Category 6
Reverse Sequential Numbering
Backward Compatible to Category 5e, 5 and 3
Ordering Information
Description
Color
Catalog Number UPC Number
NEXTSPEED®Category 6,
4-Pair, UTP Cable, Riser,
Reelex
White
C6RRW
662620201481
Listings
ANSI/TIA/EIA-568-C.2 (Category 6 Component)
UL Listed and Tested
NEC Article 800 Compliant
UL Verified Performance
Specifications
Wire
23 AWG Bare Solid Copper
Primary Insulation
CMP: FEP
Primary Insulation
CMR: Polyolefin
Cabling
4 Unshielded Twisted Pairs
Outer Jacket
Low Smoke PVC
Inner Jacket
PVC
Performance
Verifications
IEEE 802.3af (PoE)
Applications
Data Centers: Multi Gigabit Between Devices
PoE Applications
Bandwidth Intense Processing
Accessories
NEXTSPEED Jacks, Category 6
HXJ6W
NEXTSPEED Patch Panel, Category 6
P6Exx (xx=Ports)
NEXTSPEED Patch Cords, Category 6
PCXxx* (xx=Color) (*=Standard
Length)


Similar Part No. - C6RRW

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C6RRB HUBBELL-C6RRB Datasheet
677Kb / 1P
NEXTSPEED짰Category 6 UTP Cable
C6RREB HUBBELL-C6RREB Datasheet
726Kb / 1P
NEXTSPEED짰Link 6 UTP Cable
C6RREGY HUBBELL-C6RREGY Datasheet
727Kb / 1P
NEXTSPEED짰Link 6 UTP Cable
C6RREW HUBBELL-C6RREW Datasheet
728Kb / 1P
NEXTSPEED짰Link 6 UTP Cable
C6RREY HUBBELL-C6RREY Datasheet
727Kb / 1P
NEXTSPEED짰Link 6 UTP Cable
More results

Similar Description - C6RRW

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PREMISE_C6RRY HUBBELL-PREMISE_C6RRY Datasheet
673Kb / 1P
NEXTSPEED짰Category 6 UTP Cable
PREMISE_C6RRGY HUBBELL-PREMISE_C6RRGY Datasheet
675Kb / 1P
NEXTSPEED짰Category 6 UTP Cable
PREMISE_C6RRB HUBBELL-PREMISE_C6RRB Datasheet
677Kb / 1P
NEXTSPEED짰Category 6 UTP Cable
PREMISE_C6RPY HUBBELL-PREMISE_C6RPY Datasheet
677Kb / 1P
NEXTSPEED짰Category 6 UTP Cable
PREMISE_C6RPW HUBBELL-PREMISE_C6RPW Datasheet
680Kb / 1P
NEXTSPEED짰Category 6 UTP Cable
PREMISE_C6RPGY HUBBELL-PREMISE_C6RPGY Datasheet
680Kb / 1P
NEXTSPEED짰Category 6 UTP Cable
PREMISE_C6RPB HUBBELL-PREMISE_C6RPB Datasheet
678Kb / 1P
NEXTSPEED짰Category 6 UTP Cable
PREMISE_C6ESRW HUBBELL-PREMISE_C6ESRW Datasheet
671Kb / 1P
NEXTSPEED짰Category 6E Enhanced UTP Cable
PREMISE_C6ESRGY HUBBELL-PREMISE_C6ESRGY Datasheet
667Kb / 1P
NEXTSPEED짰Category 6E Enhanced UTP Cable
PREMISE_C6ESRB HUBBELL-PREMISE_C6ESRB Datasheet
670Kb / 1P
NEXTSPEED짰Category 6E Enhanced UTP Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com