Electronic Components Datasheet Search
  English  ▼

X  

44608P40 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 44608P40
Description  Few External Components Reliable Flexible GreenLine Very High Voltage PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

44608P40 Datasheet(HTML) 2 Page - ON Semiconductor

  44608P40 Datasheet HTML 1Page - ON Semiconductor 44608P40 Datasheet HTML 2Page - ON Semiconductor 44608P40 Datasheet HTML 3Page - ON Semiconductor 44608P40 Datasheet HTML 4Page - ON Semiconductor 44608P40 Datasheet HTML 5Page - ON Semiconductor 44608P40 Datasheet HTML 6Page - ON Semiconductor 44608P40 Datasheet HTML 7Page - ON Semiconductor 44608P40 Datasheet HTML 8Page - ON Semiconductor 44608P40 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC44608
http://onsemi.com
2
REPRESENTATIVE BLOCK DIAGRAM
+
–
+
–
+
–
DMG
Demag
Logic
Output
Start–up
Phase
Switching
Phase
Latched off
Phase
1 V
4 kHz Filter
Regulation
Block
Switching Phase
S2
S3
&
Latched off Phase
Stand–by
Thermal
DMG
OUT Disable
OVP
UVLO1
Switching Phase
Start–up Phase
Latched off Phase
UVLO2
9 mA
Start–up
CC
Buffer
PWM
Q
R
S
&
&
PWM
VPWM
&
OSC
OSC
Clock
Stand–by
Leading Edge
S1
10
&
Stand–by
18
6
5
4
3
2
Demag
Vi
Isense
Control
GND
Driver
V
Input
CC
Shutdown
Latch
UVLO2
Management
V
&
Source
Management
Enable
Blanking
Output
CS
2 S
m
>120 A
m
>24 A
m
50 mV
/20 mV
NOC
OC
200 A
m
Start–up
Phase
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply Current
ICC
30
mA
Output Supply Voltage with Respect to Ground
VCC
16
V
All Inputs except Vi
Vinputs
–1.0 to +16
V
Line Voltage
Vi
500
V
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation at TA = 85°C
PD
600
mW
Thermal Resistance, Junction–to–Air
R
θJA
100
°C/W
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature
TA
–25 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com