Electronic Components Datasheet Search
  English  ▼

X  

TC8500 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TC8500
Description  Sistemas de Conmutador-Control Microprocesador-Base Allegiant
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TC8500 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TC8500 Datasheet HTML 9Page - NXP Semiconductors TC8500 Datasheet HTML 10Page - NXP Semiconductors TC8500 Datasheet HTML 11Page - NXP Semiconductors TC8500 Datasheet HTML 12Page - NXP Semiconductors TC8500 Datasheet HTML 13Page - NXP Semiconductors TC8500 Datasheet HTML 14Page - NXP Semiconductors TC8500 Datasheet HTML 15Page - NXP Semiconductors TC8500 Datasheet HTML 16Page - NXP Semiconductors TC8500 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
14
Additional
System Cameras
Up To 128
Video Inputs Maximum
3 m (10 ft) Interconnect Cable
Supplied With Keyboard
TC8621
8 x 16 CH
Input Cards
TC8834
4 x 4 CH
Output Cards
TC8610A
CPU
Module
TC8605
Power
Supply
Module
TC8601 Series Main CPU Bay
S9506029AE
Video Coax
Monitor 1
Monitor 2
Monitor 3
Monitor 4
Monitor 5
Monitor 6
Monitor 7
Monitor 8
Monitor 9
Monitor 10
Monitor 11
Monitor 12
Monitor 13
Monitor 14
Monitor 15
Montior 16
Maximum of 16 TC8550A, TC8551A, or TC8553
Full Function Keyboards Up to 1.5 km (5000 ft)
Away Using Optional Remote Hookup Kit
Up to 16 Monitor Outputs
Sistema conmutación de video serie TC8600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com