Electronic Components Datasheet Search
  English  ▼

X  

PAS3012EV Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # PAS3012EV
Description  Telecoil-antennas Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

PAS3012EV Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  PAS3012EV Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. PAS3012EV Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. Hearing Aid Compatibility-/ Telecoil -antennas;
2. PAS3012F-series realizes small size and low profile. .3.0x3.0x1.2 mm.
3. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
4. Meets the T3/T4 FCC .Requirements (HAC-Act) acc.
ANSI C63.19
5. High reliability -Reliability test meet AEC-Q200
6. Operating temperature-55~+125℃ (Including self - temperature rise)
PAS
3012
E
V- 681
K
A
B
C
D
E
F
A: Series
B: Dimension
L x W
C: Lead Free
Material
D: Category Code
V=Vehicle
E: Inductance
681=680uH
F: Inductance Tolerance
K=±10%
M=±20%
Telecoil-antennas Inductor
PAS3012EV-SERIES
Part Number
Inductance
(uH)
Tolerance
(%)
Test Frequency
(KHz)
SRF
MHz(typ)
RDC(Ω)
Max.
Rated current
(mA)Max.
PAS3012EV-501M
500
±20%
10/1V
5.0
18
80
PAS3012EV-681K
680
±10%
10/1V
5.0
22
80
Series
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
PAS3012
3.0±0.2
3.0±0.2
1.2 max.
1.0 ref.
1.0 ref.
Units: mm
Halogen-free
Halogen


Similar Part No. - PAS3012EV

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
PAS3012EF-681 TAI-TECH-PAS3012EF-681 Datasheet
148Kb / 1P
Telecoil-antennas Inductor
More results

Similar Description - PAS3012EV

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
PAS201615F-102M TAI-TECH-PAS201615F-102M Datasheet
154Kb / 1P
Telecoil-antennas Inductor
PAS8027F TAI-TECH-PAS8027F Datasheet
95Kb / 1P
Telecoil-antennas Inductor
PAS6420F TAI-TECH-PAS6420F Datasheet
159Kb / 1P
Telecoil-antennas Inductor
PAS3012EF-681 TAI-TECH-PAS3012EF-681 Datasheet
148Kb / 1P
Telecoil-antennas Inductor
PAS1225F TAI-TECH-PAS1225F Datasheet
153Kb / 1P
Telecoil-antennas Inductor
PAS201615V-102M TAI-TECH-PAS201615V-102M Datasheet
114Kb / 1P
Telecoil-antennas Inductor
PAS8027V TAI-TECH-PAS8027V Datasheet
73Kb / 1P
Telecoil-antennas Inductor
PAS6420V TAI-TECH-PAS6420V Datasheet
136Kb / 1P
Telecoil-antennas Inductor
PAS4420V-DS TAI-TECH-PAS4420V-DS Datasheet
136Kb / 1P
Telecoil-antennas Inductor
PAS3015EV-102J TAI-TECH-PAS3015EV-102J Datasheet
109Kb / 2P
Telecoil-antennas Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com