Electronic Components Datasheet Search
  English  ▼

X  

EL400CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL400CS
Description  200MHz Current Feedback Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL400CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL400CS Datasheet HTML 1Page - Intersil Corporation EL400CS Datasheet HTML 2Page - Intersil Corporation EL400CS Datasheet HTML 3Page - Intersil Corporation EL400CS Datasheet HTML 4Page - Intersil Corporation EL400CS Datasheet HTML 5Page - Intersil Corporation EL400CS Datasheet HTML 6Page - Intersil Corporation EL400CS Datasheet HTML 7Page - Intersil Corporation EL400CS Datasheet HTML 8Page - Intersil Corporation EL400CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7156
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL400
200MHz Current Feedback Amplifier
The EL400 is a wide bandwidth, fast
settling monolithic amplifier built using
an advanced complementary bipolar
process. This amplifier uses current-mode feedback to
achieve more bandwidth at a given gain than conventional
operational amplifiers. Designed for closed-loop gains of ±1
to ±8, the EL400 has a 200MHz -3dB bandwidth (AV = +2),
and 12ns settling to 0.05% while consuming only 15mA of
supply current.
The EL400 is an obvious high-performance solution for video
distribution and line-driving applications. With low 15mA
supply current, differential gain/phase of 0.02%/0.01°, and a
minimum 50mA output drive, performance in these areas is
assured.
The EL400's settling to 0.05% in 12ns, low distortion, and
ability to drive capacitive loads make it an ideal flash A/D
driver. The wide 200MHz bandwidth and extremely linear
phase allow unmatched signal fidelity. D/A systems can also
benefit from the EL400, especially if linearity and drive levels
are important.
Features
• 200MHz -3dB bandwidth, AV =2
• 12ns settling to 0.05%
•VS = ±5V @ 15mA
• Low distortion: HD2, HD3 @
-60dBc at 20MHz
• Differential gain 0.02% at NTSC, PAL
• Differential phase 0.01° at NTSC, PAL
• Overload/short-circuit protected
• ±1 to ±8 closed-loop gain range
• Low cost
• Direct replacement for CLC400
Applications
• Video gain block
• Video distribution
• HDTV amplifier
• High-speed A/D conversion
• D/A I-V conversion
• Photodiode, CCD preamps
• IF processors
• High-speed communications
Pinout
EL400
(8-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL400CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL400CS
-40°C to +85°C
8-Pin SO
MDP0027
Manufactured under U.S. Patent No. 4,893,091
Data Sheet
September 20, 2002
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur Te
chni
cal S
uppo
rt Ce
nter
at
1-88
8-INT
ERS
IL or
www
.inte
rsil.c
om/t
sc


Similar Part No. - EL400CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL400CS ELANTEC-EL400CS Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400CS RENESAS-EL400CS Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results

Similar Description - EL400CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
200MHz Low-Power Current Feedback Amplifiers
September 8, 2005
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
200MHz Current Feedback Amplifier
September 26, 2001
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com