Electronic Components Datasheet Search
  English  ▼

X  

EL2082 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2082
Description  Current Mode Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2082 Datasheet(HTML) 2 Page - Intersil Corporation

  EL2082 Datasheet HTML 1Page - Intersil Corporation EL2082 Datasheet HTML 2Page - Intersil Corporation EL2082 Datasheet HTML 3Page - Intersil Corporation EL2082 Datasheet HTML 4Page - Intersil Corporation EL2082 Datasheet HTML 5Page - Intersil Corporation EL2082 Datasheet HTML 6Page - Intersil Corporation EL2082 Datasheet HTML 7Page - Intersil Corporation EL2082 Datasheet HTML 8Page - Intersil Corporation EL2082 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
EL2082
Absolute Maximum Ratings (TA = 25°C)
VS
Voltage between VS+ and VS- . . . . . . . . . . . . . . .+33V
VIN, VOUT
Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±VS
VE, VGAIN
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . -1 to +7V
IIN
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5mA
PD
Maximum Power Dissipation . . . . . . . . . . See Curves
TA
Operating Temperature Range . . . . . . . 0°C to +75°C
TJ
Operating Junction Temperature . . . . . . . . . . . . 150°C
TST
Storage Temperature . . . . . . . . . . . . . -65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = ±15V, VG = 1V, VE = 0.8V, VOUT = 0, VIN = 0, IIN = 0
PARAMETER
DESCRIPTION
TEMP
MIN
TYP
MAX
UNITS
VIO
Input Offset Voltage
Full
-20
20
mV
IOO
Output Offset Current
Full
-100
100
µA
RINI
IIN Input Impedance; IIN = 0, 0.35mA
Full
75
95
115
Ω
VCMRR
Voltage Common-Mode Rejection Ratio, VIN = -10V, +10V
Full
45
55
dB
ICMRR
Offset Current Common-Mode Rejection Ratio, VIN = -10V, +10V
Full
0.5
5
µA/V
VPSRR
Offset Voltage Power Supply Rejection Ratio, VS = ±5V to ±15V
Full
60
80
dB
IPSRR
Offset Current Power Supply Rejection Ratio, VS = ±5V to ±15V
Full
1
10
µA/V
IBVIN
VIN Bias Current
Full
-10
10
µA
RINV
VIN Input Impedance; VIN = -10V, +10V
Full
0.5
1.0
M
Ω
Nlini
Signal Nonlinearity; IIN = -0.7mA, -0.35mA, 0mA, +0.35mA, +0.7mA
Full
0.10
0.4
%
ROUT
Output Impedance VOUT = -10V, +10V
Full
0.25
0.5
M
Ω
VOUT
Output Swing; VGAIN = 2V, IIN ±2 mA, RL = 4.0k
Full
-11
+11
V
VIOG
VOS, Gain Control, Extrapolated from VGAIN = 0.1V, 1V
Full
-15
15
mV
AI
Current Gain, IIN ±350µA
Full
0.9
1.0
1.1
mA/mA
Nling
Nonlinearity of Gain Control, VGAIN = 0.1V, 0.5V, 1V
Full
2
5
%
ISO
Input Isolation with VGAIN = -0.1V
Full
-80
-96
dB
VINH
E Logic High Level
Full
2.0
V
VINL
E Logic Low Level
Full
0.8
V
ILH
Input Current of E, VE = 5V
Full
-50
50
µA
ILL
Input Current of E, VE = 0
Full
-50
50
µA
IODIS
IOUT, Disabled E = 2.0V
Full
±10
µA
IS
Supply Current
Full
13
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com