Electronic Components Datasheet Search
  English  ▼

X  

EL2075CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2075CS
Description  2GHz GBWP Gain-of-10 Stable Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2075CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2075CS Datasheet HTML 1Page - Intersil Corporation EL2075CS Datasheet HTML 2Page - Intersil Corporation EL2075CS Datasheet HTML 3Page - Intersil Corporation EL2075CS Datasheet HTML 4Page - Intersil Corporation EL2075CS Datasheet HTML 5Page - Intersil Corporation EL2075CS Datasheet HTML 6Page - Intersil Corporation EL2075CS Datasheet HTML 7Page - Intersil Corporation EL2075CS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN7151
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2075
2GHz GBWP Gain-of-10 Stable
Operational Amplifier
The EL2075 is a precision voltage-
feedback amplifier featuring a 2GHz
gain-bandwidth product, fast settling
time, excellent differential gain and differential phase
performance, and a minimum of 50mA output current drive
over temperature.
The EL2075 is gain-of-10 stable with a -3dB bandwidth of
400MHz at AV = +10. It has a very low 200µV of input offset
voltage, only 2µA of input bias current, and a fully
symmetrical differential input. Like all voltage-feedback
operational amplifiers, the EL2075 allows the use of reactive
or non-linear components in the feedback loop. This
combination of speed and versatility makes the EL2075 the
ideal choice for all op-amp applications at a gain of 10 or
greater requiring high speed and precision, including active
filters, integrators, sample-and-holds, and log amps. The low
distortion, high output current, and fast settling makes the
EL2075 an ideal amplifier for signal-processing and
digitizing systems.
Features
• 2GHz gain-bandwidth product
• Gain-of-10 stable
• Conventional voltage-feedback topology
• Low offset voltage = 200µV
• Low bias current = 2µA
• Low offset current = 0.1µA
• Output current = 50mA over temperature
• Fast settling = 13ns to 0.1%
Applications
• Active filters/integrators
• High-speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
• Photo multiplier amplifiers
• High speed sample-and-holds
EL2075
(8-PIN SO, PDIP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2075CN
0°C to +75°C
8-Pin PDIP
MDP0031
EL2075CS
0°C to +75°C
8-Pin SO
MDP0027
Data Sheet
September 26, 2001
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur Te
chni
cal S
uppo
rt Ce
nter
at
1-888
-INTE
RSIL
or w
ww.i
nters
il.com
/tsc


Similar Part No. - EL2075CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2075CS ELANTEC-EL2075CS Datasheet
466Kb / 11P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
More results

Similar Description - EL2075CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2045C ELANTEC-EL2045C Datasheet
306Kb / 12P
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
EL2074C ELANTEC-EL2074C Datasheet
400Kb / 12P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
September 26, 2001
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
200MHz Unity-Gain Stable Operational Amplifier
September 26, 2001
logo
Elantec Semiconductor
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com