Electronic Components Datasheet Search
  English  ▼

X  

EL2082CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2082CS
Description  Current Mode Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2082CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2082CS Datasheet HTML 1Page - Intersil Corporation EL2082CS Datasheet HTML 2Page - Intersil Corporation EL2082CS Datasheet HTML 3Page - Intersil Corporation EL2082CS Datasheet HTML 4Page - Intersil Corporation EL2082CS Datasheet HTML 5Page - Intersil Corporation EL2082CS Datasheet HTML 6Page - Intersil Corporation EL2082CS Datasheet HTML 7Page - Intersil Corporation EL2082CS Datasheet HTML 8Page - Intersil Corporation EL2082CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
EL2082
Data Sheet
January 1996, Rev.D
FN7152
Current Mode Multiplier
The EL2082 is a general purpose
variable gain control building block,
built using an advanced proprietary
complementary bipolar process. It is a two-quandrant
multiplier, so that zero or negative control voltages do not
allow signal feedthrough and very high attenuation is
possible. The EL2082 works in current mode rather than
voltage mode, so that the input impedance is low and the
output impedance is high. This allows very wide bandwidth
for both large and small signals.
The IIN pin replicates the voltage present on the VIN pin;
therefore, the VIN pin can be used to reject common-mode
noise and establish an input ground reference. The gain
control input is calibrated to 1mA/mA signal gain for 1V of
control voltage. The disable pin (E) is TTL-compatible, and
the output current can comply with a wide range of output
voltages.
Because current signals rather than voltages are employed,
multiple inputs can be summed and many outputs wire-or'ed
or mixed.
The EL2082 operates from a wide range of supplies and is
available in standard 8-pin plastic DIP or 8-pin SO.
Features
• Flexible inputs and outputs, all ground referred
• 150MHz large and small-signal bandwidth
• 46dB of calibrated gain control range
• 70dB isolation in disable mode @ 10MHz
• 0.15% diff gain and 0.05° diff phase performance at NTSC
using application circuit
• Operates on ±5V to ±15V power supplies
• Outputs may be paralleled to function as a multiplexer
Applications
• Level adjust for video signals
• Video faders and mixers
• Signal routing multiplexers
• Variable active filters
• Video monitor contrast control
• AGC
• Receiver IF gain control
• Modulation/demodulation
• General “cold” front-panel control of AC signals
EL2082
(8-PIN SO, PDIP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2082CN
0°C to +75°C
8-Pin PDIP
MDP0031
EL2082CS
0°C to +75°C
8-Pin SO
MDP0027
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
con
tact
our
Tec
hnic
al S
upp
ort C
ente
r at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc


Similar Part No. - EL2082CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2082CS ELANTEC-EL2082CS Datasheet
357Kb / 16P
Current-Mode Multiplier
More results

Similar Description - EL2082CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2082C ELANTEC-EL2082C Datasheet
357Kb / 16P
Current-Mode Multiplier
EL4083C ELANTEC-EL4083C Datasheet
283Kb / 16P
Current Mode Four Quadrant Multiplier
logo
Intersil Corporation
EL4083 INTERSIL-EL4083 Datasheet
165Kb / 14P
Current Mode Four Quadrant Multiplier
December 1995
logo
Vicor Corporation
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
VTM Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
VTM??Current Multiplier
VTM48EF020T080A00 VICOR-VTM48EF020T080A00 Datasheet
1Mb / 18P
Current Multiplier
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
Current Multiplier
VTM48EH020X040A00 VICOR-VTM48EH020X040A00 Datasheet
1Mb / 16P
Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com